Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
18 / 133
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
3
39h
1039h
PWM_GPIO_CONFIG
RFU
PWM and GPIO
Configuration (see
Section 8.1.3.15)
3
3Ah
103Ah
PWM0_ON_OFF
PWM1 Configuration
(see Section 8.1.3.16)
3
3Bh
103Bh
PWM1_ON_OFF
PWM1 Configuration
(see Section 8.1.3.16)
3
3Ch
103Ch
WDT_CONFIG
SRAM_
COPY_
BYTES
Watch Dog Timer
Configuration (see
Section 8.1.3.17) and
SRAM Copy Bytes
(see Section 8.1.5)
3
3Dh
103Dh
EH_CONF
RFU
ED_CONF
RFU
Energy Harvesting
(see Section 8.1.3.18)
and Event
Detection Pin (see
Section 8.1.3.19)
Configuration
3
3Eh
103Eh
I2C_SLAVE_CONFIG
I2C_MASTER_CONFIG
(NTP5332)
I2C Configuration (see
Section 8.1.3.20 and
Section 8.1.3.21)
3
3Fh
103Fh
SEC_CONF
SRAM_
CONF_PROT
PP_AREA_1
Device Security
Configuration (see
Section 8.1.3.22)
SRAM and
Configuration
Protection (see
Section 8.1.3.23)
AREA_1 Protection
Pointer (see
Section 8.1.3.24)
N/A
40h
1040h
N/A
...
...
N/A
44h
1044h
RFU
7
45h
1045
7
...
...
7
54h
1054
SRAM_DEFAULT
Default SRAM content
(see Section 8.1.5)
4
55h
1055h
AFI
RFU
Application Family
Identifier (see
Section 8.2.3.9.1)
4
56h
1056h
DSFID
RFU
DSFID (see
Section 8.1.3.26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com