| Electronic Components Datasheet Search |
|
NTP53X2 Datasheet(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 Datasheet(HTML) 87 Page - NXP Semiconductors |
|
87 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 87 / 133 Table 188. READ SIGNATURE response format when Error_flag is set Flags Error Code CRC16 8 bits 8 bits 16 bits Details on how to validate the signature is provided in AN11350. 8.2.3.8 I2C Transparent Channel NTAG 5 link offers an NFC to I2C bridge. With this mode, different I2C slaves (e.g., sensors) can be connected without a microcontroller. There shall be no other active I2C master on the same bus. The needed power for the sensors may be provided with NTAG 5 link energy harvesting capability. I2C master communication can do maximum 256 bytes to read from, and write to the connected slave. I2C master clock speed needs to be configured with I2C_MASTER_SCL_LOW and I2C_MASTER_SCL_HIGH (see Table 62). I2C slave address will be selected directly within WRITE I2C and READ I2C command. SRAM needs to be enabled by setting SRAM_ENABLE bit (see Table 38) to 1b. Basic principle for triggering an I2C write to the connected slave is illustrated in the figure below. NFC reader will get the response immediately, and then polls for the status of the I2C transaction (see Table 106). Details of the NFC command WRITE I2C can be found in Section 8.2.3.8.1. NOTE: This feature is only available for NTP5332. aaa-035483 RF READER RF to I2C Master read communication sequences RF polls for I2C Master session registers to know the current I2C transaction status. RF sends custom I2C write command and sends Payload along with the command for I2C Write transaction. IC initiates I2C transaction. I2C Master sends I2C write command to the specified slave address. I2C INTERFACE Figure 7. I2C Master write principle Basic principle for triggering an I2C read and getting the response of the connected slave is illustrated in the figure below. Again the NFC reader will get a response immediately, and then polls for the status of the I2C transaction (see Table 106). Finally the result can be read from SRAM. Details of the NFC command READ I2C can be found in Section 8.2.3.8.2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |