Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors NTP53X2 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
55 / 133
Table 96. Energy Harvesting Configuration Register Location (EH_CONFIG_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A7h
10A7h
EH_COFIG_REG
RFU
Table 97. Energy Harvesting Register Value Definition EH_CONFIG_REG)
Access
Bit
Name
NFC
Acc.
I2C Acc.
Value
Description
0b
Field is not sufficient to provied configured
power on VOUT. Do not enable energy
harvesting.
7
EH_LOAD_OK
R
R
1b
Minimum desired energy available.
VOUT may be enabled. As soon as
EH_ENABLE is set to 1b, this bit gets
cleared automatically.
6 to 4
RFU
R
R
0b
When reading, this byte this bit is RFU and
the value is undefined and may be 0b or
1b.
3
EH_TRIGGER
R/W
R
1b
When writing to this byte, this bit needs to
be set to 1b always
2 to 1
RFU
R
R
0b
Energy Harvesting disabled (default)
0
EH_ENABLE
R/W
R
1b
Energy Harvesting enabled
8.1.4.8 Event detection register
Event detection and field detection functionality define the behavior of the ED pin
depending on various events. Indicated event may be changed during one session from
both interfaces. More details can be found in ED section (see Section 8.3.2).
8.1.4.9 I2C slave register settings
I2C slave settings can be read out from both interfaces.
I2C interface can be disabled via NFC interface only. Repeated start functionality can be
enabled via I2C interface only.
Table 98. I2C Slave Configuration Register Location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A9h
10A9h
I2C_SLAVE_
ADDR_REG
I2C_SLAVE_
CONFIG_REG
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com