Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 68Page - NXP Semiconductors NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
72 / 133
• The Global Crypto Header is set to "Deactivated" or
• if the Global Crypto Header is not set to "Deactivated" and a valid mutual authentication
with a key with read and write privileges has been executed before and the page
protection condition is not locked (see Section 8.2.3.3.7).
The timing of the command is write alike.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 138. PROTECT PAGE request format
Flags
PROTECT
PAGE
Manuf.
code
UID
Protection
pointer
address
Extended
protection
status
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
8 bits
16 bits
Remark: The IC only accepts protection pointer address values from 00h to FFh. The
block containing the 16-bit counter is excluded from the standard user memory protection
scheme.
Table 139. Extended Protection status byte
Bit
Name
Value
Description
7
RFU
0b
6
RFU
0b
0b
Page 0-H is not write protected
5
WH
1b
Page 0-H is write protected
0b
Page 0-H is not read protected
4
RH
1b
Page 0-H is read protected
3
RFU
0b
2
RFU
0b
0b
Page 0-L is not write protected
1
WL
1b
Page 0-L is write protected
0b
Page 0-L is not read protected
0
RL
1b
Page 0-L is read protected
Table 140. Protection status bits definition in plain password mode
WH/WL RH/RL 32-bit Protection
64-bit Protection
0b
0b
Public
Public
0b
1b
Read and Write protected by the
Read password
Read and Write protected by the
Read plus Write password
1b
0b
Write protected by the Write password Write protected by the Read plus
Write password
1b
1b
Read protected by the Read
password and Write protected by the
Read and Write password
Read and Write protected by the
Read plus Write password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com