Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 89Page - NXP Semiconductors NTP53X2 Datasheet HTML 90Page - NXP Semiconductors NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors NTP53X2 Datasheet HTML 93Page - NXP Semiconductors NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors NTP53X2 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
93 / 133
Table 208. EAS ALARM Response format(Option flag logic 1)
Flags
EAS ID value
CRC16
8 bits
16 bits
16 bits
Table 209. EAS ALAMR response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
If the EAS mode is disabled, the IC remains silent.
Remark: NTAG 5 link in the QUIET state will not respond to an EAS ALARM command
except the addressed flag is set.
8.2.3.9.9 PROTECT EAS/AFI
Command code = A6h
In plain password mode the PROTECT EAS/AFI command enables the password
protection for EAS and/or AFI if the EAS/AFI password is first transmitted with the SET
PASSWORD command.
In AES mode, the PROTECT EAS/AFI command enables the protection for EAS and/or
AFI if a valid mutual authentication with the EAS/AFI privilege has been executed before.
Option_flag set to 0b: EAS will be protected.
Option_flag set to 1b: AFI will be protected.
Both protections (AFI and EAS) can be enabled separately.
Once the EAS/AFI protection is enabled, it is not possible to change back to unprotected
EAS and/or AFI.
The timing of the command is write-alike as of write commands with Option_flag set to
0b.
Note: Option_flag is only related to the parameter to be locked, and NOT to the response
behavior.
Table 210. PROTECT EAS/AFI request format
Flags
PROTECT EAS/AFI
Manuf. code
UID
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
Table 211. PROTECT EAS/AFI response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 212. PROTECT EAS/AFI response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com