Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
19 / 133
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
4
57h
1057h
EAS_ID
RFU
EAS ID (see
Section 8.1.3.27)
4
58h
1058h
NFC_
PP_AREA_0H
NFC_PPC
RFU
NFC Protection
Pointer (see
Section 8.1.3.28)
and NFC Protection
Pointer Conditions
(see Section 8.1.3.29)
N/A
59h
1059h
N/A
...
...
N/A
69h
1069h
RFU
5
6Ah
106Ah
5
...
...
5
89h
1089h
NFC_LOCK_BLOCK
RFU
NFC Lock block
configuration (see
Section 8.6.1)
6
8Ah
108Ah
6
...
...
6
91h
1091h
I2C_LOCK_BLOCK
RFU
I2C Lock block
configuration (see
Section 8.1.3.31)
8
92h
1092h
8
93h
1093h
NFC_
SECTION_
LOCK
RFU
NFC section lock
bytes (see Table 81)
8
94h
1094h
8
95h
1095h
I2C_
SECTION_
LOCK
RFU
I2C section lock bytes
(see Table 83)
N/A
96h
1096h
RFU from NFC perspective
I2C_PWD_0_AUTH
I2C read password
authenticate(see
Section 8.1.3.9)
N/A
97h
1097h
RFU from NFC perspective
I2C_PWD_1_AUTH
I2C write password
authenticate (see
Section 8.1.3.9)
N/A
98h
1098h
RFU from NFC perspective
I2C_PWD_2_AUTH
Restricted AREA_1
I2C read password
authenticate (see
Section 8.1.3.9)
N/A
99h
1099h
RFU from NFC perspective
I2C_PWD_3_AUTH
Restricted AREA_1
I2C write password
authenticate (see
Section 8.1.3.9)
N/A
9Ah
109Ah
N/A
...
...
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com