Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
25 / 133
The programming of NFC Key Header can be done in only one direction from lower state
to higher and it is irreversible from NFC perspective.
Same rules apply from I2C perspective, as long as not locked by the I2C section lock.
Once locked (as per table below) cannot be updated anymore from I2C interface.
Table below shows the location of the NFC Key Headers in the configuration memory.
When using password authentication, these bytes and blocks are all RFU.
NOTE: Key headers are only available for NTP5332 in AES mode.
Table 22. NFC Key Header (KHx) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
10h
1010h
RFU
NFC_KH0*
RFU
12h
1012h
RFU
NFC_KH1*
RFU
14h
1014h
RFU
NFC_KH2*
RFU
16h
1016h
RFU
NFC_KH3*
RFU
If the Global Crypto Header is in the "Activate and locked" state, all crypto settings (Key
Headers, Keys and Privileges) are locked and cannot longer be modified.
Table 23. NFC Key Header Values
Value Status
Description
81h
Not active (default)
The related Key and the Key Privileges can be read and
written with the READ CONFIG and WRITE CONFIG
commands. The related key is not active and cannot be
used. The Key Privileges of the related Key are not valid.
E7h
Active and locked
The related Key and its privileges are active and locked
and cannot be modified any longer. The related Key
cannot be read or written with the READ CONFIG and
WRITE CONFIG commands. The related Key Header and
Key Privileges can only be read with the READ CONFIG
command.
FFh
Disabled
Related Key is disabled and cannot be used
Remark: It is recommended to set the key header for not required keys to disabled
(FFh).
8.1.3.8 NFC Key Privileges
The NFC Key Privileges bytes define the privileges for the related key. Writing with
WRITE CONFIG command to the related block depends on the status of the related NFC
Key Header (see Table 23)
From I2C perspective, this block can be read and written if not locked by the I2C section
lock.
Table shows the location of the Key Privileges in the configuration memory.
NOTE: Key privileges are only available for NTP5332.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com