Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors NTP53X2 Datasheet HTML 59Page - NXP Semiconductors NTP53X2 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
56 / 133
Table 99. I2C Slave Configuration Definition (I2C_SLAVE_ADDR_REG)
Access
Bit
Name
NFC
I2C
Value
Description
7
RFU
R
R
0b
6 to 0
I22_SLAVE_ADDR
R
R
54h
I2C slave address used in slave
configuration
Table 100. I2C Slave Configuration Definition (I2C_SLAVE_CONFIG_REG)
Access
Bit
Name
NFC
I2C
Value
Description
7 to 5
RFU
R
R
000b
0b
WDTdid not expire in previous
transaction
4
I2C_WDT_EXPIRED
R
R
1b
Previous transaction was not
successful. WDT expired. This bit
gets cleared automatically, when new
transaction is triggered.
3
I2C_SOFT_RESET
R/W
R/W
0b
Setting this bit to 1b, resets the I2C
state machine and relases th SCL/
SDA lines. This bit gets cleared
automatically.
0b
Slave does not reset if repeated start is
received (Default)
2
I2C_S_REPEATED_
START
R
R/W
1b
I2C slave resets internal state machine
on repeated start
1
RFU
R
R
0b
0b
I2C interface enabled (default)
0
DISABLE_I2C (see
Section 8.3.1.1.6)
R/W
R
1b
I2C interface disabled
8.1.4.10 System reset generation
System reset can be generated by both the interfaces by writing to RESET_GEN_REG
register using WRITE CONFIG command (see Section 8.2.3.2.2). Writing E7h will trigger
the system reset. This byte gets automatically reset after the system reset.
Table 101. RESET_GEN_REG location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
AAh
10AAh
RESET_GEN_REG
RFU
8.1.4.11 Clear event detection register
Event detection pin is cleared i.e. released when writing 01h to the Clear Event Detection
Register from NFC or I2C interface. The bit gets cleared after releasing the ED pin
automatically. Other values are RFU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com