Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 62Page - NXP Semiconductors NTP53X2 Datasheet HTML 63Page - NXP Semiconductors NTP53X2 Datasheet HTML 64Page - NXP Semiconductors NTP53X2 Datasheet HTML 65Page - NXP Semiconductors NTP53X2 Datasheet HTML 66Page - NXP Semiconductors NTP53X2 Datasheet HTML 67Page - NXP Semiconductors NTP53X2 Datasheet HTML 68Page - NXP Semiconductors NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
66 / 133
• FAST INVENTORY READ in extended mode (see Section 8.2.3.5.2)
• AUTHENTICATE to move to SELECTED SECURE state (see Section 8.2.3.4.4)
8.2.3.2 Configuration operations
8.2.3.2.1 READ CONFIGURATION
Command code = C0h
The READ CONFIG command returns configuration memory content starting with the
first block defined by the Block Address and reads Number of Blocks + 1 configuration
blocks.
Access to the configuration blocks depends on the status and definition of the related
block within the configuration memory (see Section 8.1.3).
If one of the requested configuration blocks is not accessible due to the actual status,
NTAG 5 link will respond with Error_flag set.
A READ CONFIG command can read one or multiple blocks of the following areas of the
configuration memory within one command execution:
• Block 00h to block 17h
• Keys can only be read separately if "NOT active" or after a mutual authentication with a
key with the Crypto Config privilege set in "active" state
Key0: block 20h-23h
Key1: block 24h-27h
Key2: block 28h-2Bh
Key3: block 2Ch-2Fh
• rest of configuration memory
Only Option_flag = 0b is supported.
Table 115. READ CONFIG request format
Flags
READ CONFIG Manuf. code
UID
Block Address Number of
Blocks
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
8 bits
16 bits
Table 116. READ CONFIG response format when Error_flag is NOT set
Flags
Data
CRC16
8 bits
(Number of blocks + 1) times
32 bits
16 bits
Table 117. READ CONFIGURATION response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.2.2 WRITE CONFIGURATION
Command code = C1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com