Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors NTP53X2 Datasheet HTML 97Page - NXP Semiconductors NTP53X2 Datasheet HTML 98Page - NXP Semiconductors NTP53X2 Datasheet HTML 99Page - NXP Semiconductors NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
98 / 133
Table 227. PICK RANDOM ID response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
After a successful PICK_RANDOM_ID the NTAG 5 link will respond on an INVENTORY
command with a random ID as defined in the table below.
Table 228. Random ID
MSB
LSB
63:56
55:48
47:40
39:32
31:24
23:16
15:0
E0h
04h
00h
00h
CID_1
CID_0
16-bit random
ID
8.2.4 Data integrity
Following mechanisms are implemented in the contactless communication link between
reader and NTAG 5 link to ensure very reliable data transmission:
• 16-bit CRC per block
• Bit count checking
• Bit coding to distinguish between logic 1, logic 0, and no information
• Channel monitoring (protocol sequence and bit stream analysis)
8.2.5 Error Handling
8.2.5.1 Transmission Errors
According to ISO/IEC 15693 NTAG 5 link will not respond if a transmission error (CRC,
bit coding, bit count, wrong framing) is detected and will silently wait for the next correct
received command.
8.2.5.2 Not supported commands or options
If the received command or option is not supported, the behavior depends on the
addressing mechanism.
• Non-Addressed Mode
NTAG 5 link remains silent
• Addressed or selected Mode
NTAG 5 link responds with error code 0Fh (no information given, or error code not
supported).
If the Inventory flag or the Protocol Extension flag is set, the IC will not respond if the
command or option is not supported.
• Parameter out of range
– Read alike commands
If the sum of the first block number and the number of blocks exceeds the total
available number of user blocks, the number of transmitted blocks is less than the
requested number of blocks. This means that the last returned block is the highest
available user block, followed by the 16-bit CRC and the EOF.
– Write alike commands
If the address of a block to be written does not exist or a block to be written is locked,
the behavior of the IC depends on the addressing mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com