Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors NTP53X2 Datasheet HTML 44Page - NXP Semiconductors NTP53X2 Datasheet HTML 45Page - NXP Semiconductors NTP53X2 Datasheet HTML 46Page - NXP Semiconductors NTP53X2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
43 / 133
8.1.3.26 Data Storage Format Identifier
The Data Storage Format Identifier may indicate how the data is structured in the VICC
memory. If not used, this byte shall be set to 00h, which is the default value.
The Data Storage Format Identifier (DSFID) can be configured using WRITE DSFID
command (see Section 8.2.3.9.3) or directly writing DSFID byte to configuration memory
using WRITE CONFIG command (see Section 8.2.3.2.2).
From I2C perspective, this byte can be accessed with normal READ and WRITE
commands as long as not locked by I2C section locks.
Table 72. Data Storage Format Identifier (DSFID) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
56h
1056h
DSFID
RFU
8.1.3.27 Electronic Article Surveillance ID
The Electronic Article Surveillance ID (EAS ID) can be configured using WRITE EAS
ID (see Section 8.2.3.9.10) command or directly writing EAS_ID byte to configuration
memory using WRITE CONFIG command (see Section 8.2.3.2.2).
Default value of EAS_ID is 0000h.
From I2C perspective, this byte can be accessed with normal READ and WRITE
commands as long as not locked by I2C section locks.
Table 73. Electronic Article Surveillance ID (EASID) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
57h
1057h
EAS_ID (LSB)
EAS_ID (MSB)
RFU
8.1.3.28 NFC protection pointer
The NFC protection pointer (NFC_PP_AREA_0H) can be configured using PROTECT
PAGE command (see Section 8.2.3.3.6) or directly writing NFC_PP_AREA_0H byte to
configuration memory using WRITE CONFIG command (see Section 8.2.3.2.2).
Default value is FFh.
Table 74. NFC Protection Pointer (NFC PP) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
58h
1058h
NFC_
PP_AREA_0H
NFC_PPC
RFU
RFU
In below example, NFC protection pointer is set to 50h. PP_AREA_1 is out side of the
EEPROM area in this example. This example illustrates the view from NFC perspective.
Table 75. Memory organization example
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0000h
AREA_0-L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com