Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 10Page - NXP Semiconductors NTP53X2 Datasheet HTML 11Page - NXP Semiconductors NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
14 / 133
• read
• increased by one, optionally protected with the read password or by mutual
authentication with a key with the Read privilege
The counter can be read with an (EXTENDED) READ SINGLE BLOCK to the last block
or (EXTENDED) READ MULTIPLE BLOCK command including the last block. The 4 byte
data of the counter block provide the following information in Table 8.
Table 8. COUNTER BLOCK data structure
Byte
Name
Value
Description
0
C0 (LSB)
00h - FFh
1
C1 (MSB)
00h - FFh
Counter value
2
-
00h
RFU
00h
Incrementing of the counter value is not protected
3
PROT
01h
Incrementing of the counter value is protected with the read password or by
mutual authentication depending on the used security level
The counter can be preset to a start value with an (EXTENDED) WRITE SINGLE BLOCK
command to counter block. The counter can only be preset to a start value after a SET
PASSWORD command with the write password or a valid mutual authentication with a
key with the Write privilege, depending on the used security level.
The PROT byte (data byte 3) value defines if the protection to increment the counter is
enabled or disabled. If the protection is enabled, the read password or a valid mutual
authentication with a key with the Read privilege is required to increment the counter
value, again depending on the used security level.
The data for the (EXTENDED) WRITE SINGLE BLOCK command to preset the counter
is defined in Table 9.
Remark: A Preset counter value of 0x0001 is not possible, a (EXTENDED) WRITE
SINGLE BLOCK command with that value will only increment the counter.
Table 9. Preset counter data structure
Byte
Name
Value
Description
0
C0
00h, 02h -
FFh (LSB)
1
C1
00h - FFh
(MSB)
Counter value
2
-
00h
RFU
00h
Disable the protection to increment the counter
3
PROT
01h
Enable the protection to increment the counter with read password or mutual
authentication
To increment the counter by one with a (EXTENDED) WRITE SINGLE BLOCK
command to counter block. If the protection to increment the counter is enabled, a SET
PASSWORD command with the read password or a valid mutual authentication with a
key with the Read privilege is required before.
The data for the (EXTENDED) WRITE SINGLE BLOCK command to increment the
counter is defined in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com