Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors NTP53X2 Datasheet HTML 30Page - NXP Semiconductors NTP53X2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
27 / 133
Table 26. Key location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
20h
1020h
KEY0_0 (LSB)
KEY0_1
KEY0_2
KEY0_3
21h
1021h
KEY0_4
KEY0_5
KEY0_6
KEY0_7
22h
1022h
KEY0_8
KEY0_9
KEY0_10
KEY0_11
23h
1023h
KEY0_12
KEY0_13
KEY0_14
KEY0_15 (MSB)
24h
1024h
KEY1_0 (LSB)
KEY1_1
KEY1_2
KEY1_3
25h
1025h
KEY1_4
KEY1_5
KEY1_6
KEY1_7
26h
1026h
KEY1_8
KEY1_9
KEY1_10
KEY1_11
27h
1027h
KEY1_12
KEY1_13
KEY1_14
KEY1_15 (MSB)
28h
1028h
KEY2_0 (LSB)
KEY2_1
KEY2_2
KEY2_3
29h
1029h
KEY2_4
KEY2_5
KEY2_6
KEY2_7
2Ah
102Ah
KEY2_8
KEY2_9
KEY2_10
KEY2_11
2Bh
102Bh
KEY2_12
KEY2_13
KEY2_14
KEY2_15 (MSB)
2Ch
102Ch
KEY3_0 (LSB)
KEY3_1
KEY3_2
KEY3_3
2Dh
102Dh
KEY3_4
KEY3_5
KEY3_6
KEY3_7
2Eh
102Eh
KEY3_8
KEY3_9
KEY3_10
KEY3_11
2Fh
102Fh
KEY3_12
KEY3_13
KEY3_14
KEY3_15 (MSB)
If using NFC plain password mode, block addresses 20h to 26h (from NFC perspective)
and 1020h to 1026h (from I2C perspective) are used to store seven 32-bit passwords
as shown in Table 27. Blocks from 27h up to and including 2Fh are not used in plain
password mode and are set to RFU.
Default password bytes of Privacy and Destroy password are all 0Fh, Read, Write and
EAS/AFI password bytes have a default value of all 00h.
The usage of passwords, read and write access to passwords depends upon NFC Global
Crypto Header settings.
Table 27. Plain Password location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
20h
1020h
NFC_PWD0_
0 (LSB)
NFC_PWD0_1
NFC_PWD0_2
NFC_PWD0_
3 (MSB)
Read Password
21h
1021h
NFC_PWD1_
0 (LSB)
NFC_PWD1_1
NFC_PWD1_2
NFC_PWD1_
3 (MSB)
Write Password
22h
1022h
NFC_PWD2_
0 (LSB)
NFC_PWD2_1
NFC_PWD2_2
NFC_PWD2_
3 (MSB)
Privacy Password
23h
1023h
NFC_PWD3_
0 (LSB)
NFC_PWD3_1
NFC_PWD3_2
NFC_PWD3_
3 (MSB)
Destroy Password
24h
1024h
NFC_PWD4_
0 (LSB)
NFC_PWD4_1
NFC_PWD4_2
NFC_PWD4_
3 (MSB)
EAS/AFI Password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com