Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 98Page - NXP Semiconductors NTP53X2 Datasheet HTML 99Page - NXP Semiconductors NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
102 / 133
NOTE: If WDT_CONFIG configured time elapses before ongoing I2C communication is
finished, WDT will release SDA line in between of ongoing I2C communication.
The timer is reset automatically, when I2C_IF_LOCKED gets cleared, or the IC is not VCC
powered.
In I2C master use case, watchdog timer is always enabled independently of
WDT_ENABLE. It is important to set WDT_CONFIG in accordance with maximum
execution time.
8.3.1.4 Command Set
NTAG 5 link offers an easy to use I2C command set.
• WRITE MEMORY and READ MEMORY to access user and configuration memory
• WRITE MEMORY to present the related password, when password authentication from
I2C perspective is enabled
• WRITE REGISTER and READ REGISTER to access session registers
In Figure 10 the access to EEPROM with READ MEMORY and WRITE MEMORY is
illustrated and following symbols are used:
• START: I2C Start condition as defined in Section 8.3.1.1.1.
• SL_AD: 7-bit slave address (msb aligned) plus (lsb) R/W bit as defined in
Section 8.3.1.1.5
• BL_AD1 (MSB) / BL_AD0 (LSB): 16-bit block address
• A/N: Acknowledge / NAK as defined in Section 8.3.1.1.3
• DATA 0, DATA 1, … , DATA N: Data bytes to be read or written.
N shall be 3 for writing to EEPROM
N shall be multiple of 4 reduced by 1; maximum 255 for writing to SRAM
N is any number for reading data. NTAG 5 link will respond until host's NACK.
• Stop: Stop condition as defined in Section 8.3.1.1.2
aaa-035477
Read Data
HOST
START SL_AD
BL_AD1
W
A
SLAVE
Write Data
HOST
SLAVE
START SL_AD W
BL_AD0
A
SL_AD R
A
STOP
A
A
A
A
BL_AD1
A
BL_AD0
A
DATA 0
A
DATA 1
A
DATA 2
A
DATA 3
A
STOP
A
START
DATA 0
DATA 1
DATA 2
DATA N
STOP
A/N
Figure 10. READ MEMORY and WRITE MEMORY command
In Figure 11 the access to Registers with READ REGISTER and WRITE REGISTER is
illustrated and following symbols are used:
• START: I2C Start conditions as defined in Section 8.3.1.1.1.
• SL_AD: 7-bit slave address (msb aligned) plus (lsb) R/W bit as defined in
Section 8.3.1.1.5
• BL_AD1 (MSB) | BL_AD0 (LSB): 16-bit register block address
• REGA: 8-bit register address
• MASK: 8-bit control register bit mask. Only if corresponding control bit is set to 1b, the
register bit will be overwritten.
• A/N: Acknowledge / Not Acknowledge as defined in Section 8.3.1.1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com