Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP53X2 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 99Page - NXP Semiconductors NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
103 / 133
• REGDAT: 8-bit register data to read/write
• STOP: Stop condition as defined in Section 8.3.1.1.2
aaa-035478
Read Data
HOST
START SL_AD
BL_AD1
W
A
SLAVE
Write Data
HOST
SLAVE
START SL_AD W
BL_AD0
A
A
REGA
SL_AD R
A
STOP
A
BL_AD1
A
BL_AD0
A
REGA
A
MASK
A
REGDATA
A
STOP
A
START
REGDATA
STOP
A/N
Figure 11. READ REGISTER and WRITE REGISTER command
8.3.1.5 Error Handling
In case of any detected error, NTAG 5 link in slave mode responds with a NACK:
• Memory Write
– EEPROM
generated on the fourth data byte if the block is not writable
– SRAM
generated on the first byte if the block is not writable
– Arbiter locked to NFC interface, or
– EEP cycle ongoing, or
– I2C interface disabled
generate on block address BL_AD0
• Memory Read
– EEPROM/SRAM
returned data will be FFh if the access is to restricted region
– Arbiter locked to NFC interface, or
– EEP cycle ongoing, or
– I2C interface disabled
generate on block address BL_AD0
• Register Access
Registers are always accessible. NACK will only be generated:
– DATA NACK due to register write command to trigger system reset
– NACK for register read/write command on BL_AD0 if I2C interface is disabled
8.3.2 Event detection
The event detection feature provides the capability to trigger an external device (e.g.,
µController) or switch on the connected circuitry by an external power management unit
depending on activities on the NFC interface. On top this active low pin can be used as
one of the two possible PWM channels to offer I2C and PWM functionality.
As the event detection pin functionality is operated via NFC field power, VCC supply for
the IC itself is only required when ED pin is used as PWM channel.
NOTE: In some cases VOUT pin might be used as field detection trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com