| Electronic Components Datasheet Search |
|
NTP53X2 Datasheet(PDF) 106 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 Datasheet(HTML) 106 Page - NXP Semiconductors |
|
106 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 106 / 133 8.4 Arbitration between NFC and I2C interface There are different modes implement to ensure access to the EEPROM and described in detail hereafter. Two status bits (I2C_IF_LOCKED and NFC_IF_LOCKED) are provided to show the status of arbiter. Details about the different arbitrations modes can be found in AN12364. 8.4.1 NFC Mode If NTAG 5 link is only powered by NFC, arbiter needs only to lock to the NFC interface if the IC receives a valid NFC command. After completion of the NFC command, NFC_IF_LOCKED will be cleared automatically. 8.4.2 I2C Mode If NTAG 5 link is only powered by VCC, arbiter needs only to lock to the I2C interface if the IC is correctly addressed for the memory access. The host needs to clear I2C_IF_LOCKED. Otherwise, the bit will be cleared automatically if the watchdog timer expires. In I2C mode, availability of the SRAM as part of the memory depends on SRAM_ENABLE bit. 8.4.3 Normal Mode If NTAG 5 link is powered by NFC and VCC, arbiter locks interface on a first come first serve principle. When receiving a valid NFC command and access is not locked to I2C, then the arbiter locks to the NFC interface. After completion of the NFC command, the lock will be released automatically. The host can access the registers at any time. Only access to EEPROM is locked. When NTAG 5 link is correctly addressed by its I2C address for the memory access and access is not locked to NFC, then the arbiter locks to the I2C interface. The host needs to clear the lock actively. If not, the lock will be released automatically as soon as the watchdog timer expires. NFC reader can access the registers at any time. Only access to EEPROM is locked. In this mode, availability of the SRAM depends on SRAM_ENABLE bit. How to exchange data based on NDEF messages is defined in NFC Forum Tag NDEF Exchange Protocol (TNEP) Specification. 8.4.4 SRAM Mirror Mode In this mode arbiter works like in normal mode with the exception, that SRAM is used instead of EEPROM. 8.4.5 SRAM Pass-Through Mode In this mode, the NTAG 5 link transfers data from NFC to I2C and vice versa using the SRAM. The arbiter switches automatically between the two interfaces when accessing the terminator block (last block of SRAM). Details can be found in AN12364. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |