Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 115 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 115 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 111Page - Microchip Technology MCP47CVB21 Datasheet HTML 112Page - Microchip Technology MCP47CVB21 Datasheet HTML 113Page - Microchip Technology MCP47CVB21 Datasheet HTML 114Page - Microchip Technology MCP47CVB21 Datasheet HTML 115Page - Microchip Technology MCP47CVB21 Datasheet HTML 116Page - Microchip Technology MCP47CVB21 Datasheet HTML 117Page - Microchip Technology MCP47CVB21 Datasheet HTML 118Page - Microchip Technology MCP47CVB21 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 115
MCP47CXBXX
APPENDIX C: TERMINOLOGY
C.1
Resolution
The resolution is the number of DAC output states that
divide the Full-Scale Range (FSR). For the 12-bit DAC,
the resolution is 212, meaning the DAC code ranges
from 0 to 4095.
C.2
Least Significant Bit (LSb)
This is the voltage difference between two successive
codes. For a given output voltage range, it is divided by
the resolution of the device (Equation C-1). The range
may be VDD (or VREF) to VSS (ideal); the DAC register
codes across the linear range of the output driver
(Measured 1) or full scale to zero scale (Measured 2).
EQUATION C-1:
LSb VOLTAGE
CALCULATION
C.3
Monotonic Operation
The monotonic operation means that the device’s
Output Voltage (VOUT) increases with every one code
step (LSb) increment (from VSS to the DAC’s reference
voltage (VDD or VREF)).
FIGURE C-1:
VW (VOUT).
Note:
When there are 2N resistors in the resistor
ladder and 2N tap points, the full-scale
DAC register code is the resistor element
(1 LSb) from the source reference voltage
(VDD or VREF).
2N = 4096 (MCP47CVB2X)
= 1024 (MCP47CVB1X)
= 256 (MCP47CVB0X)
Ideal
Measured 1
Measured 2
VLSb IDEAL

VDD
2
N
----------- or
VREF
2
N
-------------
=
VLSb Measured

VOUT(@4032) VOUT(@64)
–
4032 64
–

---------------------------------------------------------------
=
VLSb
VOUT(@FS) VOUT(@ZS)
–
2
N
1
–
-----------------------------------------------------------
=
40h
3Fh
3Eh
03h
02h
01h
00h
Voltage (VW ~= VOUT)
VW (@ Tap)
VS0
VS1
VS3
VS63
VS64
VW =
VSn + VZS(@ Tap 0)
n = 0
n = ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com