Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB21 Datasheet(PDF) 119 Page - Microchip Technology

Part # MCP47CVB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 Datasheet(HTML) 119 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 115Page - Microchip Technology MCP47CVB21 Datasheet HTML 116Page - Microchip Technology MCP47CVB21 Datasheet HTML 117Page - Microchip Technology MCP47CVB21 Datasheet HTML 118Page - Microchip Technology MCP47CVB21 Datasheet HTML 119Page - Microchip Technology MCP47CVB21 Datasheet HTML 120Page - Microchip Technology MCP47CVB21 Datasheet HTML 121Page - Microchip Technology MCP47CVB21 Datasheet HTML 122Page - Microchip Technology MCP47CVB21 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 119
MCP47CXBXX
C.13
Settling Time
The settling time is the time delay required for the VOUT
voltage to settle into its new output value. This time is
measured from the start of code transition to when the
VOUT voltage is within the specified accuracy.
For the MCP47CXBXX, the settling time is a measure
of the time delay until the VOUT voltage reaches within
0.5 LSb of its final value, when the Volatile DAC register
changes from 1/4 to 3/4 of the Full-Scale Range (12-bit
device: 400h to C00h).
C.14
Major Code Transition Glitch
Major code transition glitch is the impulse energy
injected into the DAC analog output when the code in
the DAC register changes the state. It is normally spec-
ified as the area of the glitch in nV-Sec and is measured
when the digital code is changed by 1 LSb at the major
carry transition (Example: 011...111 to 100...
000, or 100...000 to 011...111).
C.15
Digital Feedthrough
The digital feedthrough is the glitch that appears at the
analog output caused by coupling from the digital input
pins of the device. The area of the glitch is expressed
in nV-Sec and is measured with a full-scale change
(Example: all ‘0’s to all ‘1’s and vice versa) on the digital
input pins. The digital feedthrough is measured when
the DAC is not being written to the output register.
C.16
-3 dB Bandwidth
This is the frequency of the signal at the VREF pin that
causes the voltage at the VOUT pin to fall to -3 dB from
a static value on the VREF pin. The output decreases
due to the RC characteristics of the resistor ladder and
the characteristics of the output buffer.
C.17
Power Supply Sensitivity (PSS)
PSS indicates how the output of the DAC is affected by
changes in the supply voltage. PSS is the ratio of the
change in VOUT to a change in VDD for mid-scale output
of the DAC. The VOUT is measured while the VDD is
varied from 5.5V to 2.7V as a step (VREF voltage held
constant), and expressed in %/%, which is the %
change of the DAC output voltage with respect to the %
change of the VDD voltage.
EQUATION C-8:
PSS CALCULATION
C.18
Power Supply Rejection Ratio
(PSRR)
PSRR indicates how the output of the DAC is affected
by changes in the supply voltage. PSRR is the ratio of
the change in VOUT to a change in VDD for full-scale
output of the DAC. The VOUT is measured while the
VDD is varied ±10% (VREF voltage held constant) and
expressed in dB or µV/V.
C.19
VOUT Temperature Coefficient
The VOUT temperature coefficient quantifies the error in
the resistor ladder’s resistance ratio (DAC register
code value) and output buffer due to temperature drift.
C.20
Absolute Temperature Coefficient
The absolute temperature coefficient quantifies the
error in the end-to-end output voltage (nominal output
voltage, VOUT) due to temperature drift. For a DAC, this
error is typically not an issue due to the ratiometric
aspect of the output.
C.21
Noise Spectral Density
The noise spectral density is a measurement of the
device’s internally generated random noise and is
characterized as a spectral density (voltage per √Hz).
It is measured by loading the DAC to the mid-scale
value and measuring the noise at the VOUT pin. It is
measured in nV/√Hz.
Where:
PSS is expressed in %/%.
VOUT(@5.5V) = The measured DAC output
voltage with VDD = 5.5V
VOUT(@2.7V) = The measured DAC output
voltage with VDD = 2.7V
PSS
VOUT(@5.5V) VOUT(@2.7V)
–
 V
OUT(@5.5V)
5.5V 2.7V
–
 5.5V

----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com