Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 193 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 193 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 189Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 190Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 191Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 192Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 193Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 195Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 196Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 226 page
background image
9.8 Direct Memory Access
Each CPU has its own 6-channel DMA module. The DMA module provides a hardware method of transferring
data between peripherals and/or memory without intervention from the CPU, thereby freeing up bandwidth for
other system functions. Additionally, the DMA has the capability to orthogonally rearrange the data as it is
transferred as well as “ping-pong” data between buffers. These features are useful for structuring data into
blocks for optimal CPU processing.
The DMA module is an event-based machine, meaning it requires a peripheral or software trigger to start a DMA
transfer. Although it can be made into a periodic time-driven machine by configuring a timer as the interrupt
trigger source, there is no mechanism within the module itself to start memory transfers periodically. The
interrupt trigger source for each of the six DMA channels can be configured separately and each channel
contains its own independent PIE interrupt to let the CPU know when a DMA transfer has either started or
completed. Five of the six channels are exactly the same, while Channel 1 has the ability to be configured at a
higher priority than the others.
DMA features include:
• Six channels with independent PIE interrupts
• Peripheral interrupt trigger sources
– ADC interrupts and EVT signals
– Multichannel buffered serial port transmit and receive
– External interrupts
– CPU timers
– EPWMxSOC signals
– SPIx transmit and receive
– SDFM
– Software trigger
• Data sources and destinations:
– GSx RAM
– CPU message RAM (IPC RAM)
– ADC result registers
– ePWMx
– SPI
– McBSP
– EMIF
• Word Size: 16-bit or 32-bit (SPI and McBSP limited to 16-bit)
• Throughput: four cycles/word (without arbitration)
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
193
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com