Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 197 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 197 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 193Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 195Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 196Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 197Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 198Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 199Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 200Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 226 page
background image
9.10.1 EMU Boot or Emulation Boot
The CPU enters this boot when it detects that TRST is HIGH (that is, when a JTAG debug probe/debugger is
connected). In this mode, the user can program the EMU_BOOTCTRL control-word (at location 0xD00) to
instruct the device on how to boot. If the contents of the EMU_BOOTCTRL location are invalid, then the device
would default to WAIT Boot mode. The emulation boot allows users to verify the device boot before
programming the boot mode into OTP. Note that EMU_BOOTCTRL is not actually a register, but refers to a
location in RAM (PIE RAM). PIE RAM starts at 0xD00, but the first few locations are reserved (when initializing
the PIE vector table in application code) for these boot ROM variables.
9.10.2 WAIT Boot Mode
The device in this boot mode loops in the boot ROM. This mode is useful if users want to connect a debugger on
a secure device or if users do not want the device to execute an application in flash yet.
9.10.3 Get Mode
The default behavior of Get mode is boot-to-flash. This behavior can be changed by programming the Zx-
OTPBOOTCTRL locations in user configurable DCSM OTP. The user configurable DCSM OTP on this device is
divided in to two secure zones: Z1 and Z2. The Get mode function in boot ROM first checks if a valid
OTPBOOTCTRL value is programmed in Z1. If the answer is yes, then the device boots as per the Z1-
OTPBOOTCTRL location. The Z2-OTPBOOTCTRL location is read and decodes only if Z1-OTPBOOTCTRL is
invalid or not programmed. If either Zx-OTPBOOTCTRL location is not programmed, then the device defaults to
factory default operation, which is to use factory default boot mode pins to boot to flash if the boot mode pins are
set to GET MODE. Users can choose the device through which to boot—SPI, I2C, CAN, and USB—by
programming proper values into the user configurable DCSM OTP. More details on this can be found in the
TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual .
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
197
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com