Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 196 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 196 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 192Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 193Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 195Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 196Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 197Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 198Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 199Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 226 page
background image
9.10 Boot ROM and Peripheral Booting
The device boot ROM (on both the CPUs) contains bootloading software. The CPU1 boot ROM does the system
initialization before bringing CPU2 out of reset. The device boot ROM is executed each time the device comes
out of reset. Users can configure the device to boot to flash (using GET mode) or choose to boot the device
through one of the bootable peripherals by configuring the boot mode GPIO pins.
The CPU1 boot ROM, being master, owns the boot mode GPIO and boot configurations. The CPU2 boot ROM
either boots to flash (if configured to do so through user configurable DCSM OTP) or enters a WAIT BOOT mode
if no OTP is programmed. In WAIT BOOT mode, the CPU1 application instructs the CPU2 boot ROM on how to
boot further using boot mode IPC commands supported by CPU2 boot ROM.
Table 9-14 shows the possible boot modes supported on the device. The default boot mode pins are GPIO72
(boot mode pin 1) and GPIO 84 (boot mode pin 0). Users may choose to have weak pullups for boot mode pins if
they use a peripheral on these pins as well, so the pullups can be overdriven. On this device, customers can
change the factory default boot mode pins by programming user configurable DCSM OTP locations. This is
recommended only for cases in which the factory default boot mode pins do not fit into the customer design.
More details on the locations to be programmed is available in the TMS320F2837xD Dual-Core Microcontrollers
Technical Reference Manual .
Table 9-14. Device Boot Mode
MODE NO.
CPU1 BOOT MODE
CPU2 BOOT MODE
TRST
GPIO72
(BOOT
MODE
PIN 1)
GPIO84
(BOOT
MODE
PIN 0)
0
Parallel I/O
Boot from Master
0
0
0
1
SCI Mode
Boot from Master
0
0
1
2
Wait Boot Mode
Boot from master
0
1
0
3
Get Mode
Boot from Master
0
1
1
4-7
EMU Boot Mode (JTAG debug probe
connected)
Boot from Master
1
X
X
Note
The default behavior of Get mode is boot-to-flash. On unprogrammed devices, using Get mode will
result in repeated watchdog resets, which may prevent proper JTAG connection and device
initialization. Use Wait mode or another boot mode for unprogrammed devices.
CAUTION
Some reset sources are internally driven by the device. The user must ensure the pins used for boot
mode are not actively driven by other devices in the system for these cases. The boot configuration
has a provision for changing the boot pins in OTP. For more details, see the TMS320F2837xD Dual-
Core Microcontrollers Technical Reference Manual .
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
196
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com