Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 198 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 198 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 195Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 196Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 197Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 198Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 199Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 200Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 201Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 226 page
background image
9.10.4 Peripheral Pins Used by Bootloaders
Table 9-15 shows the GPIO pins used by each peripheral bootloader. This device supports two sets of GPIOs for
each mode, as shown in Table 9-15.
Table 9-15. GPIO Pins Used by Each Peripheral Bootloader
BOOTLOADER
GPIO PINS
NOTES
SCI-Boot0
SCITXDA: GPIO84
SCIRXDA: GPIO85
SCIA Boot I/O option 1 (default SCI option
when chosen through Boot Mode GPIOs)
SCI-Boot1
SCIRXDA: GPIO28
SCITXDA: GPIO29
SCIA Boot option 2 – with alternate I/Os.
Parallel Boot
D0 – GPIO65
D1 – GPIO64
D2 – GPIO58
D3 – GPIO59
D4 – GPIO60
D5 – GPIO61
D6 – GPIO62
D7 – GPIO63
HOST_CTRL – GPIO70
DSP_CTRL – GPIO69
CAN-Boot0
CANRXA: GPIO70
CANTXA: GPIO71
CAN-A Boot – I/O option 1
CAN-Boot1
CANRXA: GPIO62
CANTXA: GPIO63
CAN-A Boot – I/O option 2
I2C-Boot0
SDAA: GPIO91
SCLA: GPIO92
I2CA Boot – I/O option 1
I2C-Boot1
SDAA: GPIO32
SCLA: GPIO33
I2CA Boot – I/O option 2
SPI-Boot0
SPISIMOA - GPIO58
SPISOMIA - GPIO59
SPICLKA - GPIO60
SPISTEA - GPIO61
SPIA Boot – I/O option 1
SPI-Boot1
SPISIMOA – GPIO16
SPISOMIA – GPIO17
SPICLKA – GPIO18
SPISTEA – GPIO19
SPIA Boot – I/O option 2
USB Boot
USB0DM - GPIO42
USB0DP - GPIO43
The USB Bootloader will switch the clock
source to the external crystal oscillator (X1
and X2 pins). A 20-MHz crystal should be
present on the board if this boot mode is
selected.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
198
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com