Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 195 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 195 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 191Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 192Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 193Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 194Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 195Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 196Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 197Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 198Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 226 page
background image
9.9 Interprocessor Communication Module
The IPC module supports several methods of interprocessor communication:
• Thirty-two IPC flags per CPU, which can be used to signal events or indicate status through software polling.
Four flags per CPU can generate interrupts.
• Shared data registers, which can be used to send commands or other small pieces of information between
CPUs. Although the register names were chosen to support a command/response system, they can be used
for any purpose as defined in software.
• Boot mode and status registers, which allow CPU1 to control the CPU2 boot process.
• A general-purpose free-running 64-bit counter.
• Two shared message RAMs, which can be used to transfer bulk data. Each RAM can be read by both CPUs.
CPU1 can write to one RAM and CPU2 can write to the other.
Figure 9-4 shows the IPC architecture.
CPU2
Gen Int Pulse
(on FLG 0->1)
Gen Int Pulse
(on FLG 0->1)
SET31
CLR31
FLG31
ACK31
SET0
CLR0
FLG0
ACK0
SET31
CLR31
FLG31
ACK31
SET0
CLR0
FLG0
ACK0
CPU2.EmulationHalt
PLLSYSCLK
R=0/W=1
C1TOC2IPCINT1/2/3/4
R=0/W=1
R=0/W=1
R
R
R
R
R
IPCSET[31:0]
IPCCLR[31:0]
R
R
R
R
R
IPCACK[31:0]
R
IPCSENDCOM[31:0]
IPCRECVCOM[31:0]
IPCRECVCOM[31:0]
IPCRECVADDR[31:0]
IPCRECVADDR[31:0]
IPCRECVDATA[31:0]
IPCRECVDATA[31:0]
IPCLOCALREPLY[31:0]
IPCLOCALREPLY[31:0]
IPCSENDADDR[31:0]
IPCSENDADDR[31:0]
IPCSENDDATA[31:0]
IPCSENDDATA[31:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
64-bit Free Run Counter
IPCCOUNTERH/L[31:0]
C1TOC2IPCCOM[31:0]
C1TOC2IPCADDR[31:0]
C1TOC2IPCDATAW[31:0]
C1TOC2IPCDATAR[31:0]
R=0/W=1
IPCACK[31:0]
IPCSET[31:0]
IPCCLR[31:0]
R
IPCFLG[31:0]
R=0/W=1
R=0/W=1
R
IPCSTS[31:0]
C2TOC1IPCCOM[31:0]
C2TOC1IPCADDR[31:0]
C2TOC1IPCDATAW[31:0]
C2TOC1IPCDATAR[31:0]
CPU1
C2TOC1IPCINT1/2/3/4
R
R/W
R/W
R
IPCBOOTMODE[31:0]
IPCBOOTSTS[31:0]
CPU1.EmulationHalt
IPCFLG[31:0]
IPCREMOTEREPLY[31:0]
IPCREMOTEREPLY[31:0]
IPCSTS[31:0]
IPCSENDCOM[31:0]
CPU2.
ePIE
CPU1.
ePIE
Figure 9-4. IPC Architecture
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
195
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com