| Electronic Components Datasheet Search |
|
FS32R274VCK2MMM Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32R274VCK2MMM Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 78 page ![]() • 2 cycle delayed lockstep • Harvard architecture with 64-bit bus for data and instructions • Dual issue: up to two instructions per clock cycle • 8 KB instruction cache and 4 KB data cache • 64 KB data local memory • with background load/store: backdoor access • 0-wait state for all read and 32/64-bit write accesses • Low number of wait states for backdoor accesses • Support for decorated storage • Variable Length Encoding (VLE) compliant for higher code density • Single precision floating point operations • Computation cores: Power Architecture® e200Z7 32-bit CPU • Dual issue: up to two instructions per clock cycle • Harvard architecture with 64-bit bus for data instructions • 16 KB instruction cache and 16 KB data cache • 64 KB data local memory • with background load/store: backdoor access • 0-wait state for all read and 32/64-bit write accesses • Low number of wait states for backdoor accesses • Support for decorated storage • Using variable length encoding (VLE) for higher code density • 4-way integer processing unit (SPE2) • 2-way single-precision Floating Point Unit (EFPU2) • 2 MB on-chip code flash (FMC flash) with ECC • Three ports (one per CPU) shared between code and data flash with 4 × 256 bit buffer for code and data flash including prefetch functions • Data flash is part of the code flash module • Including 64 KB EEPROM emulation • 1.5 MB on-chip SRAM with ECC • Decorated memory controller to support atomic read-modify-write operations • Single- and double-bit error visibility is supported • Up to four ports (one per CPU and SPT) and up to 8 banks allow simultaneous accesses from different masters to different banks • RADAR processing • Signal Processing Toolbox (SPT) for RADAR signal processing acceleration • Cross Timing Engine (CTE) for precise timing generation and triggering • Waveform generation module (WGM) for chirp ramp generation • 4x 12-bit ΣΔ-ADC with 10 MSps (not supported on S32R264 devices) • One DAC with 10 MSps (not supported on S32R264 devices) • MIPICSI2 interface to connect external ADCs Introduction S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021 6 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |