Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32R274VCK2MMM Datasheet(PDF) 66 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 66Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 67Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 68Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 69Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
Table 52. Electrical and timing information (continued)
Symbol
Parameters
Min
Typ
Max
Unit
VIHLP
Input high voltage
880
-
-
mV
VHYST
Input hysteresis
25
-
-
mV
14.1.2 D-PHY signaling levels
The signal levels are different for differential HS mode and single-ended LP mode. The
figure below shows both the HS and LP signal levels on the left and right sides,
respectively. The HS signaling levels are below the LP low-level input threshold such
that LP receiver always detects low on HS signals.
Figure 39. D-PHY signaling levels
14.1.3 D-PHY switching characteristics
Table 53. D-PHY switching characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
HS Line Receiver AC Specifications
-
Maximum serial data rate
On DATAP/N inputs. 80
Ohm<= RL <= 125 Ohm
80
-
1000
Mbps
Table continues on the next page...
Radar module
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
66
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com