Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 19Page - National Semiconductor (TI) LP3972 Datasheet HTML 20Page - National Semiconductor (TI) LP3972 Datasheet HTML 21Page - National Semiconductor (TI) LP3972 Datasheet HTML 22Page - National Semiconductor (TI) LP3972 Datasheet HTML 23Page - National Semiconductor (TI) LP3972 Datasheet HTML 24Page - National Semiconductor (TI) LP3972 Datasheet HTML 25Page - National Semiconductor (TI) LP3972 Datasheet HTML 26Page - National Semiconductor (TI) LP3972 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
I
2C Compatible Interface (Continued)
MULTI-BYTE I
2C COMMAND SEQUENCE
To correctly function with the Monahan’s Power Manage-
ment I
2C the LP3972’s I2C serial interface shall support
Random register Multi-byte command sequencing: During a
multi-byte write the Master sends the Start command fol-
lowed by the Device address, which is sent only once,
followed by the 8 Bit register address, then 8-bits of data.
The I
2C slave must then accept the next random register
address followed by 8 bits of data and continue this process
until the master sends a valid stop condition.
A Typical Multi-byte random register transfer is outlined
below:
Device Address,
Register A Address, Ach, Register A
Data, Ach Register M Address, Ach,
Register M Data, Ach Register X
Address, Ach, Register X Data, Ach
Register Z Address, Ach, Register Z
Data, Ach, Stop
Note: the PMIC is not required to see the I
2C device address
for each transaction. A, M, X, and Z are Random numbers.
20207642
INCREMENTAL REGISTER I
2C COMMAND SEQUENCE
The LP3972 supports address increment (burst mode).
When you have defined register address n data bytes can be
sent and register address is incremented after each data
byte has been sent. Address incrimination may be required
for non XScale applications. User can define whether multi-
byte (default) to random address or address incrimination
will be used.
20207643
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com