Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 33Page - National Semiconductor (TI) LP3972 Datasheet HTML 34Page - National Semiconductor (TI) LP3972 Datasheet HTML 35Page - National Semiconductor (TI) LP3972 Datasheet HTML 36Page - National Semiconductor (TI) LP3972 Datasheet HTML 37Page - National Semiconductor (TI) LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
I
2C Compatible Interface (Continued)
NSC DEFINED CONTROL AND STATUS REGISTERS
SYSTEM CONTROL REGISTER 1 (SCR1)
System Control Register 1 (SCR1) 8h’80
Bit
7**
6**
5**
4
3
2
1
0
Designation
BPSEN
SENDL
FPWM3
FPWM2
FPWM1
BK_SLOMOD
BK_SSEN
Reset Value
0
1
0
0
0
0
0
0
Note: ** denotes one time factory programmable EPROM registers for default values
System Control Register 1 (SCR1) 8h’80 Definitions
Bit
Access
Name
Description
7
R/W
BPSEN
Bypass System enable safety Lock. Prevents activation of
PWR_EN when SYS_EN is low.
0 = PWR_EN “AND” with SYS_EN signal, Default
1 = PWR_EN independent of SYS_EN
6:5
R/W
SENDL
Delay time for High Voltage Power Domains LDO2, LDO3, LDO4,
Buck2, and Buck3 after activation of SYS_EN. V
CC_LDO1 has no
delay.
Data Code
2h’0
2h’1
2h’2
2h’3
Delay mS
0.0
0.5
1.0
1.4
Notes:
Default
4
R/W
FPWM3
Buck 3 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
3
R/W
FPWM2
Buck 2 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
2
R/W
FPWM1
Buck 1 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
1
R
BK_SLOMOD
Buck Spread Spectrum Modulation Buck 1-3
0 = 10 kHz triangular wave spread spectrum modulation
1 = 2 kHz triangular wave spread spectrum modulation
0
R
BK_SSEN
Spread spectrum function Buck 1-3
0 = SS Output Disabled
1 = SS Output Enabled
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com