Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
I
2C Compatible Interface (Continued)
V
CC_BUCK 3:2 VOLTAGE RAMP CONTROL REGISTER (B32RC)
V
CC_Buck 3:2 Voltage Ramp Control Register (B32RC) 8h’87
Bit
76543210
Designation
Ramp Rate (B3RR)
Ramp Rate (B2RR)
Reset Value
10101010
Buck 3:2 Voltage Ramp Control Register (B3RC) 8h’87 Definitions
Bit
Access
Name
Description
7:4
R/W
B3RR
Data Code
4h’0
4h’1
4h’2
4h’3
4h’4
4h’5
4h’6
4h’7
4h’8
4h’9
4h’A
Ramp Rate mV/µS
Instant
1
2
3
4
5
6
7
8
9
10
3:0
R/W
B2RR
Data Code
4h’0
4h’1
4h’2
4h’3
4h’4
4h’5
4h’6
4h’7
4h’8
4h’9
4h’A
Ramp Rate mV/µS
Instant
1
2
3
4
5
6
7
8
9
10
www.national.com
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com