Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
I
2C Compatible Interface (Continued)
INTERRUPT STATUS REGISTER ISRA
This register specifies the status bits for the interrupts generated by the PMIC. Thermal warning of the IC, GPIO1, GPIO2,
PWR_ON pin, TEST_JIG factory programmable on signal, and the SPARE pin.
Interrupt Status Register ISRA 8h’88
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
T125
GPI2
GPI1
WU3L
WUPS
WUPT
WUPS
Reset Value
0
0
0
0
0
0
0
0
Interrupt Status Register ISRA 8h’88 Definitions
Bit
Access
Name
Description
7
—
—
Reserved
6
R
T125
Status bit for thermal warning PMIC T>125C
0 = PMIC Temp. < 125˚C
1 = PMIC Temp. > 125˚C
5
R
GPI2
Status bit for the input read in from GPIO 2 when set as Input
0 = GPI2 Logic Low
1 = GPI2 Logic High
4
R
GPI1
Status bit for the input read in from GPIO 1 when set as Input
0 = GPI1 Logic Low
1 = GPI1 Logic High
3
R
WU3L
PWR_ON Pin long pulse Wake Up Status
0 = No wake up event
1 = Long pulse wake up event
2
R
WUPS
PWR_ON Pin Short pulse Wake Up Status
0 = No wake up event
1 = Short pulse wake up event
1
R
WUPT
TEST_JIG Pin Wake Up Status
0 = No wake up event
1 = Wake up event
0
R
WUPS
SPARE Pin Wake Up Status
0 = No wake up event
1 = Wake up event
www.national.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com