Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) LP3972 Datasheet HTML 53Page - National Semiconductor (TI) LP3972 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
LP3972 Controls (Continued)
GENERAL PURPOSE I/O FUNCTIONALITY (GPIO1 AND
GPIO2)
LP3972 has 2 general purpose I/Os for system control. I
2C
compatible interface will be used for setting any of the pins to
input, output or hi-Z mode. Inputs value can be read via
serial interface (GPI1,2 bits). The pin 29 functionality needs
to be set to GPIO by serial interface register bit nEXTCH-
GEN. (GPIO/CHG)
Controls
Port Function
Reg
batmonchg
GPIO<1>
GPIO<1>
Nextchgen_sel
bucen
GPIO1
Gpin 1
Function
X
X
1
0
Input = 0
0
Enabled
X
X
1
0
Input = 1
0
Not Enabled
10
1
X
X
0
X
X
X
1
X
Enabled
0
0
0
X
HiZ
1
0
0
X
Input (dig)->
Input
0
1
0
X
Output = 0
0
1
1
0
X
Output = 1
0
GPIO<1>
GPIO<1>
Factory fm disabled
GPIO_tstiob
GPIO2
gpin2
0
0
1
HiZ
0
1
0
1
Input (dig)->
input
0
1
1
Output = 0
0
1
1
1
Output = 1
0
The LP3972 has provision for two battery connections, the
main battery Vbat and Backup Battery (See Applications
Schematic Diagrams1&2ofthe LP3972 Data Sheet).
The function of the battery switch is to connect power to the
RTC LDO from the appropriate battery, depending on con-
ditions described below:
•
If only the backup battery is applied, the switch will auto-
matically connect the RTC LDO power to this battery.
•
If only the main battery is applied, the switch will auto-
matically connect the RTC LDO power to this battery.
•
If both batteries are applied, and the main battery is
sufficiently charged (V
BAT > 3.1V), the switch will auto-
matically connect the RTC LDO power to the main bat-
tery.
•
As the main battery is discharged by use, the user will be
warned by a separate circuit called nBATT_FLT. Then if
no action is taken to restore the charge on the main
battery, and discharging is continued the battery switch
will protect the RTC LDO by disconnecting from the main
battery and connecting to the backup battery.
— The main battery voltage at which the RTC LDO is
switched from main to backup battery is 2.9V typically.
— There is a hysterisis voltage in this switch operation
so, the RTC LDO will not be reconnected to main
battery until main battery voltage is greater than 3.1V
typically.
•
Additionally, the user may wish to disable the battery
switch, such as, in the case when only a main battery is
used. This is accomplished by setting the “no back up
battery bit” in the control register 8h’0B bit 7 NBUB. With
this bit set to “1”, the above described switching will not
occur, that is the RTC LDO will remain connected to the
main battery even as it is discharged below the 2.9 Volt
threshold.
REGULATED VOLTAGES OK
All the power domains have own register bit (X_OK) that
processor can read via serial interface to be sure that en-
abled powers are OK (regulating). Note that these read only
bits are only valid when regulators are settled (avoid reading
these bits during voltage change or power up).
www.national.com
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com