Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) LP3972 Datasheet HTML 15Page - National Semiconductor (TI) LP3972 Datasheet HTML 16Page - National Semiconductor (TI) LP3972 Datasheet HTML 17Page - National Semiconductor (TI) LP3972 Datasheet HTML 18Page - National Semiconductor (TI) LP3972 Datasheet HTML 19Page - National Semiconductor (TI) LP3972 Datasheet HTML 20Page - National Semiconductor (TI) LP3972 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
I
2C Compatible Serial Interface Electrical Specifications (SDA and SCL)
Unless otherwise noted, V
IN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Notes 2, 6) and (Note 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IL
Low Level Input Voltage
(Note 14)
−0.5
0.3 V
RTC
V
V
IH
High Level Input Voltage
(Note 14)
0.7 V
RTC
V
RTC
V
OL
Low Level Output Voltage
(Note 14)
0
0.2 V
TRC
I
OL
Low Level Output Current
V
OL = 0.4V (Note 14)
3.0
mA
F
CLK
Clock Frequency
(Note 14)
400
kHz
t
BF
Bus-Free Time Between Start and Stop
(Note 14)
1.3
µs
t
HOLD
Hold Time Repeated Start Condition
(Note 14)
0.6
µs
t
CLKLP
CLK Low Period
(Note 14)
1.3
µs
t
CLKHP
CLK High Period
(Note 14)
0.6
µs
t
SU
Set Up Time Repeated Start Condition
(Note 14)
0.6
µs
t
DATAHLD
Data Hold Time
(Note 14)
0
µs
t
CLKSU
Data Set Up Time
(Note 14)
100
ns
T
SU
Set Up Time for Start Condition
(Note 14)
0.6
µs
T
TRANS
Maximum Pulse Width of Spikes that
Must be Suppressed by the Input Filter
of Both DATA & CLK Signals
(Note 14)
50
ns
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (
θJA), as given by the
following equation: TA-MAX = TJ-MAX-OP – (
θJA x PD-MAX).
Note 4: Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51–7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array of thermal vias. The ground plane on the board
is 50 mm x 50 mm. Thickness of copper layers are 36 µm/1.8 µm/18 µm/36 µm (1.5 oz/1 oz/1 oz/1.5 oz). Ambient temperature in simulation is 22˚C, still air. Power
dissipation is 1W. Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation
exists, special care must be paid to thermal dissipation issues in board design. The value of
θJA of this product can vary significantly, depending on PCB material,
layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal
dissipation issues. For more information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (LLP) and the Power Efficiency and
Power Dissipation section of this datasheet.
Note 5: The Human body model is a 100 pF capacitor discharged through a 1.5 k ??? resistor into each pin. (MIL-STD-883 3015.7) The machine model is a 200
pF capacitor discharged directly into each pin. (EAIJ)
Note 6: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are production
tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are guaranteed via correlation using standard Statistical
Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
Note 8: Back-up battery charge current is programmable via the I2C compatible interface. Refer to the Application Section for more information.
Note 9: The I2C signals behave like open-drain outputs and require an external pull-up resistor on the system module in the 2 k
Ω to 20 kΩ range.
Note 10: LDO_RTC voltage can track LDO3 voltage. LP3972 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track LDO3 voltage
within 200mV down to 2.8V when LDO3 is enabled
Note 11: VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages below the minimum
input operating voltage.
Note 12: The input voltage range recommended for ideal applications performance for the specified output voltages is given below:
VIN = 2.7V to 5.5V for 0.80V < VOUT < 1.8V
VIN =(VOUT+ 1V) to 5.5V for 1.8V ≤ VOUT ≤ 3.3V
Note 13: Test condition: for VOUT less than 2.7V, VIN = 3.6V; for VOUT greater than or equal to 2.7V, VIN =VOUT+1V.
Note 14: This electrical specification is guaranteed by design.
Note 15: An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 16: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply
for input voltages below 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com