Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
I
2C Compatible Interface (Continued)
INTEL INTERNAL 1 REVISION REGISTER (II1RR) 8H’8E
Bit
76543210
Designation
II1RR
Reset Value
00000000
INTEL INTERNAL 1 REVISION REGISTER (II1RR) 8H’8E DEFINITIONS
Bit
Access
Name
Description
7:0
R
II1RR
Intel internal usage register for revision information.
INTEL INTERNAL 2 REVISION REGISTER (II2RR) 8H’8F
Bit
76543210
Designation
II2RR
Reset Value
00000000
INTEL INTERNAL 2 REVISION REGISTER (II2RR) 8H’8F DEFINITIONS
Bit
Access
Name
Description
7:0
R
II2RR
Intel internal usage register for revision information.
REGISTER PROGRAMMING EXAMPLES
Example 1) Start of Day Sequence
PMIC Register
Address
PMIC Register
Name
Register Data
Description
8h’23
ADTVI
00011011
Sets the SOD V
CC_APPS voltage
8h’29
SDTV1
00011011
Sets the SOD V
CC_SRAM voltage
8h’10
OVER1
00000111
Enables V
CC_SRAM and VCC_APPS to their programmed values.
SODl Multi-byte random register transfer is outlined below:
20207644
Device Address,
Register A Address, Ach, Register A
Data, Ach Register M Address, Ach,
Register M Data, Ach Register X
Address, Ach, Register X Data, Ach
Register Z Address, Ach, Register Z
Data, Ach, Stop
www.national.com
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com