Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 29Page - National Semiconductor (TI) LP3972 Datasheet HTML 30Page - National Semiconductor (TI) LP3972 Datasheet HTML 31Page - National Semiconductor (TI) LP3972 Datasheet HTML 32Page - National Semiconductor (TI) LP3972 Datasheet HTML 33Page - National Semiconductor (TI) LP3972 Datasheet HTML 34Page - National Semiconductor (TI) LP3972 Datasheet HTML 35Page - National Semiconductor (TI) LP3972 Datasheet HTML 36Page - National Semiconductor (TI) LP3972 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
I
2C Compatible Interface (Continued)
LDO1(V
CC_MVT) TARGET VOLTAGE 1 REGISTER (MDTV1)
LDO1(V
CC_MVT) Target Voltage 1 Register (MDTV1) 8h’32
Bit
7
6
5
4**
3**
2**
1**
0**
Designation
Reserved
Output Voltage (OV)
Reset Value
0
0
0
00100
Note: ** denotes one time factory programmable EPROM registers for default values
LDO1(V
CC_MVT) Target Voltage 1 Register (MDTV1) 8h’32 Definitions
Bit
Access
Name
Description
7:5
Reserved
4:0
R/W
L1OV
Data Code
5h’0
5h’1
5h’2
5h’3
5h’4
5h’5
5h’6
5h’7
5h’8
5h’9
5h’A
5h’B
5h’C
5h’D-5h’F
Output Voltage
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
1.925
1.950
1.975
2.000
Reserved
Notes:
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com