Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 27Page - National Semiconductor (TI) LP3972 Datasheet HTML 28Page - National Semiconductor (TI) LP3972 Datasheet HTML 29Page - National Semiconductor (TI) LP3972 Datasheet HTML 30Page - National Semiconductor (TI) LP3972 Datasheet HTML 31Page - National Semiconductor (TI) LP3972 Datasheet HTML 32Page - National Semiconductor (TI) LP3972 Datasheet HTML 33Page - National Semiconductor (TI) LP3972 Datasheet HTML 34Page - National Semiconductor (TI) LP3972 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
I
2C Compatible Interface (Continued)
V
CC_COMM TARGET VOLTAGE 1 DUMMY REGISTER (CDTV1)
V
CC_COMM Target Voltage 1 Dummy Register (CDTV1) 8h’26 Write Only
Bit
7
6
5
43210
Designation
Reserved
Output Voltage
Reset Value
0
0
0
00000
Note: CDTV1 must be writable by an I2C controller. This is a dummy register
V
CC_COMM TARGET VOLTAGE 2 DUMMY REGISTER (CDTV2)
V
CC_COMM Target Voltage 2 Dummy Register (CDTV2) 8h’27 Write Only
Bit
7
6
5
43210
Designation
Reserved
Output Voltage
Reset Value
0
0
0
00000
Note: CDTV2 must be writable by an I2C controller. This is a dummy register and can not be read.
This is a variable voltage supply to the internal SRAM of the Application processor.
LDO5(V
CC_SRAM) TARGET VOLTAGE 1 REGISTER
LDO5(V
CC_SRAM) Target Voltage 1 Register (SDTV1) 8H’29
Bit
7
6
5
4**
3**
2**
1**
0**
Designation
Reserved
LDO 5 Output Voltage (L5OV)
Reset Value
0
0
0
01011
Note: ** denotes one time factory programmable EPROM registers for default values
LDO5(V
CC_SRAM) Target Voltage 1 Register (SDTV1) 8h’29 Definitions
Bit
Access
Name
Description
7:5
—
—
Reserved
4:0
R/W
B1OV
Data Code
5h’0
5h’1
5h’2
5h’3
5h’4
5h’5
5h’6
5h’7
5h’8
5h’9
5h’A
5h’B
5h’C
5h’D
5h’E
5h’F
Output Voltage
—
—
—
—
—
0.850
0.875
0.900
0.925
0.950
0.975
1.000
1.025
1.050
1.075
1.100
Data Code
5h’10
5h’11
5h’12
5h’13
5h’14
5h’15
5h’16
5h’17
5h’18
5h’19
5h’1A
5h’1B
5h’1C
5h’1D
5h’1E
5h’1F
Output Voltage
1.125
1.150
1.175
1.200
1.225
1.250
1.275
1.300
1.325
1.350
1.375
1.400
1.425
1.450
1.475
1.500
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com