Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) LP3972 Datasheet HTML 15Page - National Semiconductor (TI) LP3972 Datasheet HTML 16Page - National Semiconductor (TI) LP3972 Datasheet HTML 17Page - National Semiconductor (TI) LP3972 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Buck Converters SW1, SW2, SW3 (Continued)
Load Transient
3.6 V
IN, 3.3 VOUT, 0 – 100 mA load
Mode Change
Load transients 20 mA to 560 mA
V
OUT = 1.4 volts [PFM to PWM] VIN = 4.1 volts
20207638
20207639
Startup
Startup into PWM Mode 980 mA [channel 2]
V
OUT = 1.4 volts VIN = 4.1 volts
20207638
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com