Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 23Page - National Semiconductor (TI) LP3972 Datasheet HTML 24Page - National Semiconductor (TI) LP3972 Datasheet HTML 25Page - National Semiconductor (TI) LP3972 Datasheet HTML 26Page - National Semiconductor (TI) LP3972 Datasheet HTML 27Page - National Semiconductor (TI) LP3972 Datasheet HTML 28Page - National Semiconductor (TI) LP3972 Datasheet HTML 29Page - National Semiconductor (TI) LP3972 Datasheet HTML 30Page - National Semiconductor (TI) LP3972 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
I
2C Compatible Interface (Continued)
DVM VOLTAGE CHANGE CONTROL REGISTER 1
DVM Voltage Change Control Register 1 (V
CC1) 8h’20
Bit
7
6
5
4
3
2
1
0
Designation
MVS
MGO
SVS
SGO
Reserved
AVS
AGO
Reset Value
0
0
0
0
0
0
0
0
DVM Voltage Change Control Register 1 (V
CC1) 8h’20 Definitions
Bit
Access
Name
Description
7
R/W
MVS
V
CC_MVT (LDO1) Voltage Select
0 - Change V
CC_MVT Output Voltage to MDVT1
1 - Change V
CC_MVT Output Voltage to MDVT2
6
R/W
MGO
Start V
CC_MVT (LDO1) Voltage Change
0 - Hold V
CC_MVT Output Voltage at current Level
1 - Ramp V
CC_MVT Output Voltage as selected by MVS
5
R/W
SVS
V
CC_SRAM (LDO5) Voltage Select
0 - Change V
CC_SRAM Output Voltage to SDTV1
1 - Change V
CC_SRAM Output Voltage to SDTV2
4
R/W
SGO
Start V
CC_SRAM (LDO5) Voltage Change
0 - Hold V
CC_SRAM Output Voltage at current Level
1 - Change V
CC_SRAM Output Voltage as selected by SVS
3:2
—
—
Reserved
1
R/W
AVS
V
CC_APPS (Buck 1) Voltage Select
0 - Ramp V
CC_APPS Output Voltage to ADVT1
1 - Ramp V
CC_APPS Output Voltage to ADVT2
0
R/W
AGO
Start V
CC_APPS(Buck1) Voltage Change
0 - Hold V
CC_APPS Output Voltage at current Level
1 - Ramp V
CC_APPS Output Voltage as selected by AVS
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com