Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) LP3972 Datasheet HTML 53Page - National Semiconductor (TI) LP3972 Datasheet HTML 54Page - National Semiconductor (TI) LP3972 Datasheet HTML 55Page - National Semiconductor (TI) LP3972 Datasheet HTML 56Page - National Semiconductor (TI) LP3972 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
Application Note - LP3972 Reset Sequence (Continued)
POWER-ON TIMING
Symbol
Description
Min
Typ
Max
Units
t1
Delay from V
CC_RTC assertion to nRSTO de-assertion
50
mS
t2
Delay from nBATT_FLT de-assertion to nRSTI assertion
100
µS
t3
Delay from nRST de-assertion to SYS_EN assertion
10
mS
t4
Delay from SYS_EN assertion to PWR_EN assertion
125
mS
t5
Delay from PWR_EN assertion to nRSTO de-assertion
125
mS
HARDWARE RESET SEQUENCE
Hardware reset initiates when the nRSTI signal is asserted
(low). Upon assertion of nRST the processor enters hard-
ware reset state. The LP3972 holds the nRST low long
enough (50 ms typ.) to allow the processor time to initiate the
reset state.
RESET SEQUENCE
1.
nRSTI is asserted.
2.
nRSTO is asserted and will de-asserts after a minimum
of 50 mS
3.
The Applications processor waits for the de-assertion of
nBATT_FLT to indicate system power (V
IN) is available.
4.
After system power (V
IN) is turned on, the LP3972 de-
asserts nBATT_FLT.
5.
The Applications processor asserts SYS_EN, the
LP3972 enables the system high-voltage power sup-
plies. The Applications processor starts its countdown
timer.
6.
The LP3972 enables the high-voltage power supplies.
7.
Countdown timer expires; the Applications processor
asserts PWR_EN to enable the low-voltage power sup-
plies. The processor starts the countdown timer.
8.
The Applications processor asserts PWR_EN, the
LP3972 enables the low-voltage regulators.
9.
Countdown timer expires; If enabled power domains are
OK (I
2C read) the power up sequence continues by
enabling the processors 13 MHz oscillator and PLL’s.
10. The Applications processor begins the execution of
code.
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com