Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 34Page - National Semiconductor (TI) LP3972 Datasheet HTML 35Page - National Semiconductor (TI) LP3972 Datasheet HTML 36Page - National Semiconductor (TI) LP3972 Datasheet HTML 37Page - National Semiconductor (TI) LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
I
2C Compatible Interface (Continued)
SYSTEM CONTROL REGISTER 2 (SCR2)
System Control Register 2 (SCR2) 8h’81
Bit
7
6
5**
4
3210
Designation
BBCS
SHBU
BPTR
WUP3
GPIO2
GPIO1
Reset Value
1
0
1
1
0010
Note: ** denotes one time factory programmable EPROM registers for default values
System Control Register 2 (SCR2) 8h’81 Definitions
Bit
Access
Name
Description
7
R/W
BBCS
Sets GPIO1 as control input for Back Up battery charger
0 - Back Up battery Charger GPIO Disabled
1 - Back Up battery Charger GPIO Pin Enabled
6
R/W
SHBU
Shut down Back up battery to prevent battery drain during
shipping
0 = Back up Battery Enabled
1 = Back up battery Disabled
5
R/W
BPTR
Bypass RTC_LDO Output Voltage to LDO 3 Output Voltage
Tracking
0 - RTC-LDO 3 Tracking enabled
1 - RTC-LDO 3 Tracking disabled, Default
4
R/W
WUP3
Spare Wakeup control input
0 - Active High
1 - Active Low
3:2
R/W
GPIO2
Configure direction and output sense of GPIO2 Pin
Data Code
2h’00
2h’01
2h’02
2h’03
GPIO2
Hi-Z
Output Low
Input
Output high
1:0
R/W
GPIO1
Configure direction and output sense of GPIO1 Pin
Data Code
2h’00
2h’01
2h’02
2h’03
GPIO1
Hi-Z
Output Low
Input
Output high
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com