Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 32Page - National Semiconductor (TI) LP3972 Datasheet HTML 33Page - National Semiconductor (TI) LP3972 Datasheet HTML 34Page - National Semiconductor (TI) LP3972 Datasheet HTML 35Page - National Semiconductor (TI) LP3972 Datasheet HTML 36Page - National Semiconductor (TI) LP3972 Datasheet HTML 37Page - National Semiconductor (TI) LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
I
2C Compatible Interface (Continued)
LDO4 – LDO3 VOLTAGE CONTROL REGISTER (L34VCR)
LDO4 – LDO3 Voltage Control Register (L34VCR) 8h’3A
Bit
7**
6**
5**
4**
3**
2**
1**
0**
Designation
LDO 4 Output Voltage (L4OV)
LDO 3 Output Voltage (L3OV)
Reset Value
00000000
Note: ** denotes one time factory programmable EPROM registers for default values
LDO4 – LDO3 Voltage Control Register (L34VCR) 8h’3A Definitions
Bit
Access
Name
Description
7:4
R/W
L4OV
Data Code
4h’0
4h’1
4h’2
4h’3
4h’4
4h’5
4h’6
4h’7
4h’8
4h’9
4h’A
4h’B
4h’C
4h’D
4h’E
4h’F
Output Voltage
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.50
1.80
1.90
2.50
2.80
3.00
3.30
Notes:
Default
3:0
R/W
L3OV
Data Code
4h’0
4h’1
4h’2
4h’3
4h’4
4h’5
4h’6
4h’7
4h’8
4h’9
4h’A
4h’B
4h’C
4h’D
4h’E
4h’F
Output Voltage
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Notes:
Default
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com