Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 20Page - National Semiconductor (TI) LP3972 Datasheet HTML 21Page - National Semiconductor (TI) LP3972 Datasheet HTML 22Page - National Semiconductor (TI) LP3972 Datasheet HTML 23Page - National Semiconductor (TI) LP3972 Datasheet HTML 24Page - National Semiconductor (TI) LP3972 Datasheet HTML 25Page - National Semiconductor (TI) LP3972 Datasheet HTML 26Page - National Semiconductor (TI) LP3972 Datasheet HTML 27Page - National Semiconductor (TI) LP3972 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
I
2C Compatible Interface (Continued)
LP3972 CONTROL REGISTER
Register Address
Register Name
Read/Write
Register Description
8h’07
SCR
R/W
System Control Register
8h’10
OVER1
R/W
Output Voltage Enable Register 1
8h’11
OVSR1
R
Output Voltage Status Register 1
8h’12
OVER2
R/W
Output Voltage Enable Register 2
8h’13
OVSR2
R
Output Voltage Status Register 2
8h’20
V
CC1
R/W
Voltage Change Control Register 1
8h’23
ADTV1
R/W
BUCK1 Target Voltage 1 Register
8h’24
ADTV2
R/W
BUCK1 DVM Target Voltage 2 Register
8h’25
AVRC
R/W
V
CC_APPS Voltage Ramp Control
8h’26
CDTC1
W
Dummy Register
8h’27
CDTC2
W
Dummy Register
8h’29
SDTV1
R/W
LDO5 Target Voltage 1
8h’2A
SDTV2
R/W
LDO5 Target Voltage 2
8h’32
MDTV1
R/W
LDO1 Target Voltage 1 Register
8h’33
MDTV2
R/W
LDO1 Voltage 2 Register
8h’39
L2VCR
R/W
LDO2 Voltage Control Registers
8h’3A
L34VCR
R/W
LDO3 & LDO4 Voltage Control Registers
8h’80
SCR1
R/W
System Control Register 1
8h’81
SCR2
R/W
System Control Register 2
8h’82
OEN3
R/W
Output Voltage Enable Register 3
8h’83
OSR3
R/W
Output Voltage Status Register 3
8h’84
LOER4
R/W
Output Voltage Enable Register 3
8h’85
B2TV
R/W
V
CC_Buck2 Target Voltage
8h’86
B3TV
R/W
V
CC_Buck3 Target Voltage
8h’87
B32RC
R/W
Buck 32 Voltage Ramp Control
8h’88
ISRA
R
Interrupt Status Register A
8h’89
BCCR
R/W
Backup Battery Charger Control Register
8h’8E
II1RR
R
Internal 1 Revision Register
8h’8F
II2RR
R
Internal 2 Revision Register
SERIAL INTERFACE REGISTER SELECTION CODES (Bold face voltages are default values)
System Control Status Register
Register is an 8 bit register which specifies the control bits for the PMIC clocks. This register works in conjunction with the SYNC
pin where an external clock PLL buffer operating at 13 MHz is synchronized with the oscillators of the buck converters.
System Control Register (SCR) 8h’07
Bit
7654321
0
Designation
Reserved
CLK_SCL
Reset Value
0
0
00000
0
System Control Register (SCR) 8h’07 Definitions
Bit
Access
Name
Description
7-1
—
—
Reserved
0
R/W
CLK_SCL
External Clock Select
0 = Internal Oscillator clock for Buck Converters
1 = External 13 MHz Oscillator clock for Buck Converters
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com