Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 128Page - STMicroelectronics STM32H742II Datasheet HTML 129Page - STMicroelectronics STM32H742II Datasheet HTML 130Page - STMicroelectronics STM32H742II Datasheet HTML 131Page - STMicroelectronics STM32H742II Datasheet HTML 132Page - STMicroelectronics STM32H742II Datasheet HTML 133Page - STMicroelectronics STM32H742II Datasheet HTML 134Page - STMicroelectronics STM32H742II Datasheet HTML 135Page - STMicroelectronics STM32H742II Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
132/357
DS12110 Rev 10
6.3.11
Memory characteristics
Flash memory
The characteristics are given at TJ = –40 to 125 °C unless otherwise specified.
The devices are shipped to customers with the flash memory erased.
Jitter
Cycle-to-cycle jitter(3)
-
VCO =
150 MHz
-145
-
+/-
ps
VCO =
300 MHz
-91
-
VCO =
400 MHz
-64
-
VCO =
420 MHz
-63
-
Period jitter
fPLL_OUT =
50 MHz
VCO =
150 MHz
-55
-
+/-
ps
VCO =
400 MHz
-30
-
Long term jitter
Normal mode
VCO =
150 MHz
--
-
%
VCO =
300 MHz
--
-
VCO =
400 MHz
-+/-0.3
-
I(PLL)(2)
PLL power consumption on VDD
VCO freq =
420MHz
VDD
-
440
1150
µA
VCORE
-
530
-
VCO freq =
150MHz
VDD
-
180
500
VCORE
-
200
-
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by characterization results.
3. Integer mode only.
Table 51. PLL characteristics (medium VCO frequency range)(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 52. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Write / Erase 8-bit mode
-
6.5
-
mA
Write / Erase 16-bit mode
-
11.5
-
Write / Erase 32-bit mode
-
20
-
Write / Erase 64-bit mode
-
35
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com