Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 129Page - STMicroelectronics STM32H742II Datasheet HTML 130Page - STMicroelectronics STM32H742II Datasheet HTML 131Page - STMicroelectronics STM32H742II Datasheet HTML 132Page - STMicroelectronics STM32H742II Datasheet HTML 133Page - STMicroelectronics STM32H742II Datasheet HTML 134Page - STMicroelectronics STM32H742II Datasheet HTML 135Page - STMicroelectronics STM32H742II Datasheet HTML 136Page - STMicroelectronics STM32H742II Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 357 page
background image
DS12110 Rev 10
133/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Table 53. Flash memory programming
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
tprog
Word (266 bits) programming
time
Program/erase parallelism x 8
-
290
580(2)
µs
Program/erase parallelism x 16
-
180
360
Program/erase parallelism x 32
-
130
260
Program/erase parallelism x 64
-
100
200
tERASE128KB Sector (128 KB) erase time
Program/erase parallelism x 8
-
2
4
s
Program/erase parallelism x 16
-
1.8
3.6
Program/erase parallelism x 32
-
1.1
2.2
Program/erase parallelism x 64
-
1
2
tME
Mass erase time
Program/erase parallelism x 8
-
13
26
Program/erase parallelism x 16
-
8
16
Program/erase parallelism x 32
-
6
12
Program/erase parallelism x 64
-
5
10
Vprog
Programming voltage
Program parallelism x 8
1.62
-
3.6
V
Program parallelism x 16
Program parallelism x 32
Program parallelism x 64
1.8
-
3.6
1. Guaranteed by characterization results.
2. The maximum programming time is measured after 10K erase operations.
Table 54. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
NEND
Endurance
TJ = –40 to +125 °C (6 suffix versions)
10
kcycles
tRET
Data retention
1 kcycle at TA = 85 °C
30
Years
10 kcycles at TA = 55 °C
20
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com