Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 163Page - STMicroelectronics STM32H742II Datasheet HTML 164Page - STMicroelectronics STM32H742II Datasheet HTML 165Page - STMicroelectronics STM32H742II Datasheet HTML 166Page - STMicroelectronics STM32H742II Datasheet HTML 167Page - STMicroelectronics STM32H742II Datasheet HTML 168Page - STMicroelectronics STM32H742II Datasheet HTML 169Page - STMicroelectronics STM32H742II Datasheet HTML 170Page - STMicroelectronics STM32H742II Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 357 page
background image
DS12110 Rev 10
167/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Figure 38. Quad-SPI timing diagram - SDR mode
Figure 39. Quad-SPI timing diagram - DDR mode
Table 85. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck1/t(CK)
QUADSPI clock
frequency
2.7 V<VDD<3.6 V
CL=20 pF
--
100
MHz
1.62 V<VDD<3.6 V
CL=15 pF
--
100
tw(CKH)
QUADSPI clock high and
low time
-
TCK/2 –0.5
-
TCK/2
ns
tw(CKL)
TCK/2
-
TCK/2+0.5
tsr(IN), tsf(IN)
Data input setup time
2.7 V ≤ VDD < 3.6 V
3
-
-
1.62 V ≤ VDD < 3.6 V
1
-
-
thr(IN), thf(IN)
Data input hold time
2.7 V ≤ VDD < 3.6 V
1
-
-
1.62 V ≤ VDD < 3.6 V
1.5
-
-
tvr(OUT),
tvf(OUT)
Data output valid time
DHHC=0
-
3.5
4
DHHC=1
Pres=1, 2...
-TCK/4+3.5
TCK/4+4
thr(OUT),
thf(OUT)
Data output hold time
DHHC=0
3
-
-
DHHC=1
Pres=1, 2...
TCK/4+3
-
-
1. Guaranteed by characterization results.
MSv36878V1
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CK)
tw(CKH)
tw(CKL)
tr(CK)
tf(CK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)
MSv36879V3
Data output
IO0
IO2
IO4
Clock
Data input
IO0
IO2
IO4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
IO1
IO3
IO5
IO1
IO3
IO5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com