Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 164Page - STMicroelectronics STM32H742II Datasheet HTML 165Page - STMicroelectronics STM32H742II Datasheet HTML 166Page - STMicroelectronics STM32H742II Datasheet HTML 167Page - STMicroelectronics STM32H742II Datasheet HTML 168Page - STMicroelectronics STM32H742II Datasheet HTML 169Page - STMicroelectronics STM32H742II Datasheet HTML 170Page - STMicroelectronics STM32H742II Datasheet HTML 171Page - STMicroelectronics STM32H742II Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
168/357
DS12110 Rev 10
6.3.19
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 87 for the delay block are derived
from tests performed under the ambient temperature, frcc_c_ck frequency and VDD supply
voltage summarized in Table 24: General operating conditions.
6.3.20
16-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 87 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 24: General operating conditions.
Table 86. Dynamics characteristics: Delay Block characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
1400
2200
2400
ps
t∆
Unit Delay
-
35
40
45
Table 87. ADC characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply
-
1.62
-
3.6
V
VREF+
Positive reference voltage
VDDA ≥ 2 V
2
-
VDDA
VDDA< 2 V
VDDA
VREF-
Negative reference voltage
-
VSSA
fADC
ADC clock frequency
2 V
≤ VDDA ≤ 3.3 V
BOOST = 1
-
-
36
MHz
BOOST = 0
-
-
20
fS
Sampling rate for Fast
channels, BOOST = 1,
fADC = 36 MHz(2)
16-bit resolution
-
-
3.60(2)
MSPS
14-bit resolution
-
-
4.00(2)
12-bit resolution
-
-
4.50(2)
10-bit resolution
-
-
5.00(2)
8-bit resolution
-
-
6.00(2)
Sampling rate for Fast
channels, BOOST = 0,
fADC = 20 MHz
16-bit resolution
-
-
2.00(2)
14-bit resolution
-
-
2.20(2)
12-bit resolution
-
-
2.50(2)
10-bit resolution
-
-
2.80(2)
8-bit resolution
-
-
3.30(2)
Sampling rate for Slow
channels, BOOST = 0,
fADC = 10 MHz
16-bit resolution
-
-
1.00
14-bit resolution
-
-
1.00
12-bit resolution
-
-
1.00
10-bit resolution
-
-
1.00
8-bit resolution
-
-
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com