Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 171Page - STMicroelectronics STM32H742II Datasheet HTML 172Page - STMicroelectronics STM32H742II Datasheet HTML 173Page - STMicroelectronics STM32H742II Datasheet HTML 174Page - STMicroelectronics STM32H742II Datasheet HTML 175Page - STMicroelectronics STM32H742II Datasheet HTML 176Page - STMicroelectronics STM32H742II Datasheet HTML 177Page - STMicroelectronics STM32H742II Datasheet HTML 178Page - STMicroelectronics STM32H742II Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 357 page
background image
DS12110 Rev 10
175/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Offset1
Offset error at code
0x001(4)
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±5
LSB
OffsetCal
Offset error at code
0x800 after factory
calibration
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ㏀
VREF+ = 3.6 V
-
-
±5
LSB
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON,CL ≤ 50 pF,
RL ≥ 5 ㏀
--
±1
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±1
TUE
Total unadjusted error
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±12
LSB
SNR
Signal-to-noise ratio(6)
DAC output buffer ON,CL ≤ 50 pF,
RL ≥ 5 ㏀ , 1 kHz, BW = 500 KHz
-
67.8
-
dB
SINAD
Signal-to-noise and
distortion ratio(6)
DAC output buffer ON, CL ≤ 50 pF,
RL ≥ 5 ㏀ , 1 kHz
-
67.5
-
dB
ENOB
Effective number of
bits
DAC output buffer ON,
CL ≤ 50 pF, RL ≥ 5 ㏀ , 1 kHz
-
10.9
-
bits
1. Guaranteed by characterization.
2. Difference between two consecutive codes minus 1 LSB.
3. Difference between the value measured at Code i and the value measured at Code i on a line drawn between Code 0 and
last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between the ideal slope of the transfer function and the measured slope computed from code 0x000 and 0xFFF
when the buffer is OFF, and from code giving 0.2 V and (VREF+ - 0.2 V) when the buffer is ON.
6. Signal is -0.5dBFS with Fsampling=1 MHz.
Table 90. DAC accuracy(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com