Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 173Page - STMicroelectronics STM32H742II Datasheet HTML 174Page - STMicroelectronics STM32H742II Datasheet HTML 175Page - STMicroelectronics STM32H742II Datasheet HTML 176Page - STMicroelectronics STM32H742II Datasheet HTML 177Page - STMicroelectronics STM32H742II Datasheet HTML 178Page - STMicroelectronics STM32H742II Datasheet HTML 179Page - STMicroelectronics STM32H742II Datasheet HTML 180Page - STMicroelectronics STM32H742II Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 357 page
background image
DS12110 Rev 10
177/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
6.3.23
Temperature sensor characteristics
esr
Equivalent Serial
Resistor of CL
--
-
-
2
Ω
Iload
Static load current
-
-
-
-
4
mA
Iline_reg
Line regulation
2.8 V ≤ VDDA ≤ 3.6 V
Iload = 500 µA
-
200
-
ppm/V
Iload = 4 mA
-
100
-
Iload_reg
Load regulation
500 µA ≤ ILOAD ≤ 4 mA
Normal Mode
-
50
-
ppm/
mA
Tcoeff
Temperature coefficient −40 °C < TJ < +125 °C
-
-
-
Tcoeff
xVREFINT
+ 75
ppm/
°C
PSRR
Power supply rejection
DC
-
-
60
-
dB
100KHz
-
-
40
-
tSTART
Start-up time
CL=0.5 µF
-
-
300
-
µs
CL=1 µF
-
-
500
-
CL=1.5 µF
-
-
650
-
IINRUSH
Control of maximum
DC current drive on
VREFBUF_OUT during
startup phase(3)
--
8
-
mA
IDDA(VRE
FBUF)
VREFBUF
consumption from
VDDA
ILOAD = 0 µA
-
-
15
25
µA
ILOAD = 500 µA
-
-
16
30
ILOAD = 4 mA
-
-
32
50
1. Guaranteed by design.
2.
In degraded mode, the voltage reference buffer cannot accurately maintain the output voltage (VDDA−drop voltage).
3. To properly control VREFBUF IINRUSH current during the startup phase and the change of scaling, VDDA voltage should be in
the range of 1.8 V-3.6 V, 2.1 V-3.6 V, 2.4 V-3.6 V and 2.8 V-3.6 V for VSCALE = 011, 010, 001 and 000, respectively.
Table 91. VREFBUF characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 92. Temperature sensor characteristics
Symbol
Parameter
Min
Typ Max
Unit
TL(1)
1. Guaranteed by design.
VSENSE linearity with temperature
-
-
±3
°C
Avg_Slope(2) Average slope
-
2
-
mV/°C
V30(3)
Voltage at 30°C ± 5 °C
-
0.62
-
V
tstart_run(1)
Startup time in Run mode (buffer startup)
-
-
25.2
µs
tS_temp(1)
ADC sampling time when reading the temperature
9
-
-
Isens(1)
Sensor consumption
-
0.18 0.31
µA
Isensbuf(1)
Sensor buffer consumption
-
3.8
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com