Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 232Page - STMicroelectronics STM32H742II Datasheet HTML 233Page - STMicroelectronics STM32H742II Datasheet HTML 234Page - STMicroelectronics STM32H742II Datasheet HTML 235Page - STMicroelectronics STM32H742II Datasheet HTML 236Page - STMicroelectronics STM32H742II Datasheet HTML 237Page - STMicroelectronics STM32H742II Datasheet HTML 238Page - STMicroelectronics STM32H742II Datasheet HTML 239Page - STMicroelectronics STM32H742II Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
236/357
DS12110 Rev 10
Low-speed internal (LSI) RC oscillator
DVDD (CSI)
CSI oscillator frequency drift over
VDD
VDD = 1.62 to 3.6 V
-
−
0.06
0.06
%
tsu(CSI)
CSI oscillator startup time
-
-
1
2
µs
tstab(CSI)
CSI oscillator stabilization time
(to reach ±3% of fCSI)
-
-
-
4
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
23
30
µA
1. Guaranteed by design.
2. Guaranteed by test in production.
3. Guaranteed by characterization.
Table 145. CSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 146. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.3 V, TJ = 25 °C
31.4(1)
1. Guaranteed by test in production.
32
32.6(1)
kHz
TJ = –40 to 110 °C, VDD = 1.62 to
3.6 V
29.76(2)
2. Guaranteed by characterization results.
-
33.6(2)
TJ = –40 to 125 °C, VDD = 1.62 to
3.6 V
29.4
-
33.6
tsu(LSI)(3)
3. Guaranteed by design.
LSI oscillator
startup time
-
-
80
130
µs
tstab(LSI)(3)
LSI oscillator
stabilization
time (5% of
final value)
-
-
120
170
IDD(LSI)(3)
LSI oscillator
power
consumption
-
-
130
280
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com