Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 239 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 239 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 235Page - STMicroelectronics STM32H742II Datasheet HTML 236Page - STMicroelectronics STM32H742II Datasheet HTML 237Page - STMicroelectronics STM32H742II Datasheet HTML 238Page - STMicroelectronics STM32H742II Datasheet HTML 239Page - STMicroelectronics STM32H742II Datasheet HTML 240Page - STMicroelectronics STM32H742II Datasheet HTML 241Page - STMicroelectronics STM32H742II Datasheet HTML 242Page - STMicroelectronics STM32H742II Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 357 page
background image
DS12110 Rev 10
239/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.11
Memory characteristics
Flash memory
The characteristics are given at TJ = –40 to 125 °C unless otherwise specified.
The devices are shipped to customers with the flash memory erased.
Table 149. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Write / Erase 8-bit mode
-
6.5
-
mA
Write / Erase 16-bit mode
-
11.5
-
Write / Erase 32-bit mode
-
20
-
Write / Erase 64-bit mode
-
35
-
Table 150. Flash memory programming
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
tprog
Word (266 bits) programming
time
Program/erase parallelism x 8
-
290
580(2)
µs
Program/erase parallelism x 16
-
180
360
Program/erase parallelism x 32
-
130
260
Program/erase parallelism x 64
-
100
200
tERASE128KB Sector (128 KB) erase time
Program/erase parallelism x 8
-
2
4
s
Program/erase parallelism x 16
-
1.8
3.6
Program/erase parallelism x 32
-
1.1
2.2
Program/erase parallelism x 64
-
1
2
tME
Mass erase time
Program/erase parallelism x 8
-
13
26
Program/erase parallelism x 16
-
8
16
Program/erase parallelism x 32
-
6
12
Program/erase parallelism x 64
-
5
10
Vprog
Programming voltage
Program parallelism x 8
1.62
-
3.6
V
Program parallelism x 16
Program parallelism x 32
Program parallelism x 64
1.8
-
3.6
1. Guaranteed by characterization results.
2. The maximum programming time is measured after 10K erase operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com