Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 281 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 281 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 277Page - STMicroelectronics STM32H742II Datasheet HTML 278Page - STMicroelectronics STM32H742II Datasheet HTML 279Page - STMicroelectronics STM32H742II Datasheet HTML 280Page - STMicroelectronics STM32H742II Datasheet HTML 281Page - STMicroelectronics STM32H742II Datasheet HTML 282Page - STMicroelectronics STM32H742II Datasheet HTML 283Page - STMicroelectronics STM32H742II Datasheet HTML 284Page - STMicroelectronics STM32H742II Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 357 page
background image
DS12110 Rev 10
281/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
8 bits
47
3.32E-08
5.10E-08
8.61E-08
68
3.59E-08
5.35E-08
8.83E-08
100
4.10E-08
5.83E-08
9.22E-08
150
5.06E-08
6.76E-08
9.95E-08
220
6.61E-08
8.22E-08
1.11E-07
330
9.17E-08
1.08E-07
1.32E-07
470
1.24E-07
1.40E-07
1.63E-07
680
1.74E-07
1.91E-07
2.12E-07
1000
2.53E-07
2.70E-07
2.85E-07
1500
3.73E-07
3.93E-07
4.05E-07
2200
5.39E-07
5.67E-07
5.75E-07
3300
8.02E-07
8.36E-07
8.38E-07
4700
1.13E-06
1.18E-06
1.18E-06
6800
1.62E-06
1.69E-06
1.68E-06
10000
2.36E-06
2.47E-06
2.45E-06
15000
3.50E-06
3.69E-06
3.65E-06
1. Guaranteed by design.
2. Data valid at up to 125 °C, with a 47 pF PCB capacitor, and VDDA=1.6 V.
3. Direct channels are connected to analog I/Os (PA0_C, PA1_C, PC2_C and PC3_C) to optimize ADC performance.
4. Fast channels correspond to PF3, PF5, PF7, PF9, PA6, PC4, PB1, PF11 and PF13.
5. Slow channels correspond to all ADC inputs except for the Direct and Fast channels.
Table 185. Minimum sampling time vs RAIN(1)(2) (continued)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Direct
channels(3)
Fast channels(4) Slow channels(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com