Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 282 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 282 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 278Page - STMicroelectronics STM32H742II Datasheet HTML 279Page - STMicroelectronics STM32H742II Datasheet HTML 280Page - STMicroelectronics STM32H742II Datasheet HTML 281Page - STMicroelectronics STM32H742II Datasheet HTML 282Page - STMicroelectronics STM32H742II Datasheet HTML 283Page - STMicroelectronics STM32H742II Datasheet HTML 284Page - STMicroelectronics STM32H742II Datasheet HTML 285Page - STMicroelectronics STM32H742II Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
282/357
DS12110 Rev 10
Note:
ADC accuracy vs. negative injection current: injecting a negative current on any analog
input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative currents.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in
Section 7.3.14 does not affect the ADC accuracy.
Table 186. ADC accuracy(1)(2)
Symbol
Parameter
Conditions(3)
Min
Typ
Max
Unit
ET
Total undadjusted error
Direct
channel
Single ended
-
+10/–20
-
LSB
Differential
-
±15
-
Fast channel
Single ended
-
+10/–20
-
Differential
-
±15
-
Slow
channel
Single ended
-
±10
-
Differential
-
±10
-
EO
Offset error
-
-
±10
-
EG
Gain error
-
-
±15
-
ED
Differential linearity error
Single ended
-
+3/–1
-
Differential
-
+4.5/–1
-
EL
Integral linearity error
Direct
channel
Single ended
-
±11
-
Differential
-
±7
-
Fast channel
Single ended
-
±13
-
Differential
-
±7
-
Slow
channel
Single ended
-
±10
-
Differential
-
±6
-
ENOB
Effective number of bits
Single ended
-
12.2
-
Bits
Differential
-
13.2
-
SINAD
Signal-to-noise and
distortion ratio
Single ended
-
75.2
-
dB
Differential
-
81.2
-
SNR
Signal-to-noise ratio
Single ended
-
77.0
-
Differential
-
81.0
-
THD
Total harmonic distortion
Single ended
-
87
-
Differential
-
90
-
1. Data guaranteed by characterization for BGA packages. The values for LQFP packages might differ.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC clock frequency = 25 MHz, ADC resolution = 16 bits, VDDA=VREF+=3.3 V and BOOST=11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com